Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 9 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 9 Page - Recom International Power

Back Button R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power R-DR/CLIP Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.recom-power.com
REV.: 0/2023
PA-9
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM30-K/277
Series
Tolerance:
x.x= ±0.5mm
x.xx=0.25mm
84.7
FC 76
4.35
5.08
10.16
4X Ø3.3
1
4
CON2
CON1
5
3
embossed Logo
Dimension Drawing Panel Mount “/PMP” (mm)
Push-In Spring Terminal
#
Function
Pitch
AC Input (CON1)
1
3
VAC in (L)
VAC in (N)
pin2 removed, 2pins
with 10.16mm pitch
DC Output (CON2)
4
5
+Vout
-Vout
2 pins
with 5.08mm pitch
Wire stripping length: 11mm
Wire cross section: 22-16 (0.2-1.5mm²)
Usable wire: solid/stranded
FC= fixing centers
Push-in Spring Information
AC Input (CON1)
Degson (DG142R-5.08-03P-2Y)
DC Output (CON2)
Degson (DG142R-5.08-02P-2Y)
AC Input Side
DC Output Side
Bottom View
Side View
Top View
2x M3X0.5 threads for RECOM accessory R-DR/CLIP din rail clip
Recommended countersunk head screw= M3X0.5
Recommended penetration: 6-7mm
Maximum tightening torque: 0.7Nm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com