Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 4 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 4 Page - Recom International Power

  R-DR/CLIP Datasheet HTML 1Page - Recom International Power R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.recom-power.com
REV.: 0/2023
PA-4
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM30-K/277
Series
REGULATIONS
Parameter
Condition
Value
Output Accuracy
single output
±2.0% typ.
dual output
±3.0% typ.
Line Regulation
low line to high line
5Vout
±1.0% typ.
others
±0.5% typ.
Load Regulation (7)
10% to 100% load
5Vout
±3.0% typ.
others
±1.0% typ.
Cross Regulation
dual output only
±10.0% typ.
Transient Response
25% load step change
4.0% max.
recovery time
500µs typ.
PROTECTIONS
Parameter
Type
Value
Input Fuse (8)
internal
T3.15A, slow blow type
Short Circuit Protection (SCP)
hiccup, auto recovery
Over Voltage Protection (OVP)
150% - 195%, hiccup mode
Over Current Protection (OCP)
<180%, hiccup mode
Over Voltage Category (OVC)
OVCIII 5000m
DC OK LED
only for “/PMP”
green
Class of Equipment
Class II
Isolation Voltage (9)
I/P to O/P, I/P to Case, O/P to Case
1 minute
4kVAC
Isolation Resistance
VISO = 500VDC
1G
Ω min.
Isolation Capacitance
I/P to O/P, 100kHz/0.1V
100pF max.
Insulation Grade
reinforced
Leakage Current
100µA max.
Notes:
Note7: Operation below 10% load will not harm the converter, but specifications may not be met
Notes:
Note8: For system integration with DC operation, consider a suitable DC fuse in front of the input
Note9: For repeat Hi-Pot testing, reduce the time and/or the test voltage
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
@ natural convection <0.1m/s
refer to
“Derating Graph”
-40°C to +90°C
Maximum Case Temperature
+110°C max.
Temperature Coefficient
0.02%/K
Operating Altitude (10)
5000m
Operating Humidity
non-condensing
90% RH max.
Polution Degree
potted version
PD3
Vibration
according to MIL-STD-202G
10-500Hz, 2G 10min./1cycle, period 60min.
each along x,y,z axes
continued on next page
Notes:
Note10: Recognized by safety agency for safe operation up to 5000m. High altitude operation may impact the performance and lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com