Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-DR/CLIP Datasheet(PDF) 5 Page - Recom International Power

Part # R-DR/CLIP
Description  30 Watt Single/Dual Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-DR/CLIP Datasheet(HTML) 5 Page - Recom International Power

  R-DR/CLIP Datasheet HTML 1Page - Recom International Power R-DR/CLIP Datasheet HTML 2Page - Recom International Power R-DR/CLIP Datasheet HTML 3Page - Recom International Power R-DR/CLIP Datasheet HTML 4Page - Recom International Power R-DR/CLIP Datasheet HTML 5Page - Recom International Power R-DR/CLIP Datasheet HTML 6Page - Recom International Power R-DR/CLIP Datasheet HTML 7Page - Recom International Power R-DR/CLIP Datasheet HTML 8Page - Recom International Power R-DR/CLIP Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.recom-power.com
REV.: 0/2023
PA-5
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM30-K/277
Series
PEAK LOAD CAPABILITY (single output only)
Parameter
Condition
Value
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
>1357 x 103 hours
+40°C
>1096 x 103 hours
Design Lifetime
230VAC/50Hz and
full load
single output
5Vout
+45°C
>30 x 103 hours
others
+50°C
dual output
+40°C
>30 x 103 hours
+50°C
>17x 103 hours
-40
-20
0
20
40
60
80
90
50
100
30
24
18
12
27
21
15
9
6
3
0
Ambient Temperature [°C]
100VAC & 120VDC
120-277VAC & 133-430VDC
-40
-20
0
20
40
60
80
100
30
24
18
12
27
21
15
9
6
3
0
Ambient Temperature [°C]
50
90
100VAC & 120VDC
120-277VAC & 133-430VDC
Derating Graph
(@ Chamber and natural convection 0.1m/s)
RACM30-05SK/277
RACM30-K/277 others
P
P
= 36W
t
1
= 10s
t
2
= 50s
k
= 1.1
Pout [W]
t
1
t
2
P
p
P
nom
0
P
r
Time [s]
P
r =
30 x (t
1 + t2) - (PP x t1)
t
2 x k
P
P
= peak output power
[W]
P
r
= recovery output power
[W]
t
1
= peak time set (10s max.)
[s]
t
2
= recovery time (min. 5 x t
1 )
[s]
k
= safety factor 1.1
[ ]
Practical Example (RACM30-24SK/277):
P
r =
30 x (10 + 50) - (36 x 10)
= 26.2W
50 x 1.1
Take the RACM30-24SK/277 at 230VAC input Voltage and full load at T
AMB= 25°C ,with
natural convection.
Calculation:
Maximum Peak Power
RACM30-05SK/277
RACM30-12SK/277
RACM30-15SK/277
RACM30-24SK/277
33W
36W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com