Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet (PDF) - Richtek Technology Corporation

RT3612EB Datasheet PDF - Richtek Technology Corporation
Part # RT3612EB
Download  RT3612EB Download
File Size   752.97 Kbytes
Page   47 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply

RT3612EB Datasheet (PDF)

Go To PDF Page Download Datasheet
RT3612EB Datasheet PDF - Richtek Technology Corporation

Part # RT3612EB
Download  RT3612EB Click to download

File Size   752.97 Kbytes
Page   47 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply

RT3612EB Datasheet (HTML) - Richtek Technology Corporation


RT3612EB Product details

General Description
The RT3612EB is a 2/1 phase synchronous buck
controller designed to meet Intel IMVP9 compatible CPU
specification with a serial VID control interface. The
RT3612EB adopts G-NAVPTM (Green Native AVP) which
is Richtek's proprietary topology derived from finite DC
gain of EA amplifier with current mode control, making it
easy to set the droop to meet all Intel CPU requirements
of AVP (Adaptive Voltage Positioning). Based on the GNAVPTM topology, the RT3612EB features a new
generation of quick response mechanism (Adaptive Quick
Response, AQR) to optimize AVP performance during load
transient and reduce output capacitors. The RT3612EB
supports mode transition function with various operating
states. A serial VID (SVID) interface is built in the
RT3612EB to communicate with Intel IMVP9 compliant
CPU. The RT3612EB supports VID on-the-fly function with
three different slew rates: Fast, Slow and Decay. By
utilizing the G-NAVPTM topology, the operating frequency
of the RT3612EB varies with VID, load and input voltage
to further enhance the efficiency even in CCM. Moreover,
the G-NAVPTM with CCRCOT (Constant Current Ripple
COT) technology provides superior output voltage ripple
over the entire input/output range. The built-in high accuracy
DAC converts the SVID code ranging from 0V to 2.74V
with 10mV per step. The RT3612EB integrates a high
accuracy ADC for platform and function settings, such as
ICCMAX, switching frequency, over-current threshold and
AQR trigger level. The RT3612EB provides VR Ready and
thermal indicators. It also features complete fault
protection functions including over-voltage (OV), undervoltage (UV), over-current (OC) and under-voltage lockout
(UVLO).

Features
Intel IMVP9 Serial VID Interface Compatible Power
Management States
2/1 Phase PWM Controller and 2 Embedded
MOSFET Drivers
G-NAVPTM (Green Native Adaptive Voltage
Positioning) Topology
0.5% DAC Accuracy
Differential Remote Voltage Sensing
Built-in ADC for Platform Programming and
Reporting
Accurate Current Balance
System Thermal Compensated AVP
Diode Emulation Mode at Light Load Condition
Fast Transient Response-Adaptive Quick Response
(AQR)
VR Ready Indicator
Thermal Monitoring and Indicator
Current Monitoring
IMVP9 System Input Power Monitoring
OVP, OCP, UVLO, UVP
Switching Frequency Range Setting
Slew Rate Setting
DVID Enhancement
Acoustic Noise Suppression
Small 32-Lead WQFN Package

Applications
IMVP9 Intel Core Supply
Notebook Computer Multi-Phase CPU Core Supply
AVP Step-Down Converter




Similar Part No. - RT3612EB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT360 AMPHENOL-RT360 Datasheet
4Mb / 18P
industrial circular connectors are multiway connector available in 6 shell sizes
logo
Richtek Technology Corp...
RT3601EA RICHTEK-RT3601EA Datasheet
660Kb / 40P
Signal Phase PWM Controller
RT3601EAGQW RICHTEK-RT3601EAGQW Datasheet
660Kb / 40P
Signal Phase PWM Controller
RT3602AE RICHTEK-RT3602AE Datasheet
836Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
August 2017
RT3602AJ RICHTEK-RT3602AJ Datasheet
818Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
February 2018
More results


Similar Description - RT3612EB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8857 RICHTEK-RT8857 Datasheet
412Kb / 26P
4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com