Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 6Page - Richtek Technology Corporation RT3612EB Datasheet HTML 7Page - Richtek Technology Corporation RT3612EB Datasheet HTML 8Page - Richtek Technology Corporation RT3612EB Datasheet HTML 9Page - Richtek Technology Corporation RT3612EB Datasheet HTML 10Page - Richtek Technology Corporation RT3612EB Datasheet HTML 11Page - Richtek Technology Corporation RT3612EB Datasheet HTML 12Page - Richtek Technology Corporation RT3612EB Datasheet HTML 13Page - Richtek Technology Corporation RT3612EB Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
RT3612EB
10
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-
thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
θJC is measured at the
exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Switching Time
UGATEx Rise Time
tUGATEr
3nF load
--
8
--
ns
UGATEx Fall Time
tUGATEf
3nF load
--
8
--
ns
LGATEx Rise Time
tLGATEr
3nF load
--
8
--
ns
LGATEx Fall Time
tLGATEf
3nF load
--
4
--
ns
UGATEx Turn-On
Propagation Delay
tPDHU
Outputs unloaded
--
20
--
ns
LGATEx Turn-On
Propagation Delay
tPDHL
Outputs unloaded
--
20
--
ns
Output
UGATEx Driver Source
Resistance
RUGATEsr
100mA source current
--
1
--
UGATEx Driver Source
Current
IUGATEsr
VUGATE
VPHASE = 2.5V
--
2
--
A
UGATEx Driver Sink
Resistance
RUGATEsk
100mA sink current
--
1
--
UGATEx Driver Sink Current IUGATEsk
VUGATE
VPHASE = 2.5V
--
2
--
A
LGATEx Driver Source
Resistance
RLGATEsr
100mA source current
--
1
--
LGATEx Driver Source
Current
ILGATEsr
VLGATE = 2.5V
--
2
--
A
LGATEx Driver Sink
Resistance
RLGATEsk
100mA sink current
--
0.5
--
LGATEx Driver Sink Current ILGATEsk
VLGATE = 2.5V
--
4
--
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com