Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 15Page - Richtek Technology Corporation RT3612EB Datasheet HTML 16Page - Richtek Technology Corporation RT3612EB Datasheet HTML 17Page - Richtek Technology Corporation RT3612EB Datasheet HTML 18Page - Richtek Technology Corporation RT3612EB Datasheet HTML 19Page - Richtek Technology Corporation RT3612EB Datasheet HTML 20Page - Richtek Technology Corporation RT3612EB Datasheet HTML 21Page - Richtek Technology Corporation RT3612EB Datasheet HTML 22Page - Richtek Technology Corporation RT3612EB Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
RT3612EB
19
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Referring to PIN-SETTING tables Table 2 to 7, users can
search corresponding Vdivider or VIXR according to the
desired function setting combinations. Then SETx external
resistors can be calculated as follows :
IXR
divider
divider
divider
3.2V V
R1
80 A V
R1 V
R2
3.2V V
Richtek provides a Microsoft Excel-based design tool to
calculate the desired PIN-SETTING resistors.
TSEN pin also has function settings except for thermal
monitoring function. It only utilizes divider part of PIN-
SETTING mechanism. The functions TSEN sets include,
zero loadline andDVIDvoltage-compensation. The detailed
operation is described in Thermal Monitoring and Indicator
section.
Table 2. SET1 Pin Setting for ICCMAX, KTON and VBOOT
Vdivider_SET1 (mV)
ICCMAX (A)
VIXR_SET1 (mV)
KTON
VBOOT
Min.
Typ.
Max.
1 Phase
2 Phase
Min.
Typ.
Max.
6.5
25
43
26
30
6.5
50
91.5
0.64
0V
57
75
92.5
27
33
108.5
150
189.5
1.8V
107.5
125
142
28
36
210.5
250
287.5
0.73
0V
158
175
191.5
29
39
312.5
350
385.5
1.8V
208.5
225
241
30
42
414.5
450
483.5
0.82
0V
259
275
290.5
31
45
516.5
550
581.5
1.8V
309.5
325
340
32
48
618.5
650
679.5
0.91
0V
360
375
389.5
33
51
720.5
750
777.5
1.8V
410.5
425
439
34
54
822.5
850
875.5
1
0V
461
475
488.5
35
57
924.5
950
973.5
1.8V
511.5
525
538
36
60
1026.5
1050
1071.5
1.09
0V
562
575
587.5
37
63
1128.5
1150
1169.5
1.8V
612.5
625
637
38
66
1230.5
1250
1267.5
1.18
0V
663
675
686.5
39
69
1332.5
1350
1365.5
1.8V
713.5
725
736
40
72
1434.5
1450
1463.5
1.27
0V
764
775
785.5
41
75
1536.5
1550
1590
1.8V
814.5
825
835
26
30
6.5
50
91.5
1.36
0V
865
875
884.5
27
33
108.5
150
189.5
1.8V
915.5
925
934
28
36
210.5
250
287.5
1.45
0V
966
975
983.5
29
39
312.5
350
385.5
1.8V
1016.5
1025
1033
30
42
414.5
450
483.5
1.64
0V
1067
1075
1082.5
31
45
516.5
550
581.5
1.8V
1117.5
1125
1132
32
48
618.5
650
679.5
1.82
0V
1168
1175
1181.5
33
51
720.5
750
777.5
1.8V
1218.5
1225
1231
34
54
822.5
850
875.5
2.09
0V
1269
1275
1280.5
35
57
924.5
950
973.5
1.8V
1319.5
1325
1330
36
60
1026.5
1050
1071.5
2.36
0V
1370
1375
1379.5
37
63
1128.5
1150
1169.5
1.8V
1420.5
1425
1429
38
66
1230.5
1250
1267.5
2.55
0V
1471
1475
1478.5
39
69
1332.5
1350
1365.5
1.8V
1521.5
1525
1528
40
72
1434.5
1450
1463.5
2.91
0V
1572
1575
1577.5
41
75
1536.5
1550
1590
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com