Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 21Page - Richtek Technology Corporation RT3612EB Datasheet HTML 22Page - Richtek Technology Corporation RT3612EB Datasheet HTML 23Page - Richtek Technology Corporation RT3612EB Datasheet HTML 24Page - Richtek Technology Corporation RT3612EB Datasheet HTML 25Page - Richtek Technology Corporation RT3612EB Datasheet HTML 26Page - Richtek Technology Corporation RT3612EB Datasheet HTML 27Page - Richtek Technology Corporation RT3612EB Datasheet HTML 28Page - Richtek Technology Corporation RT3612EB Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
RT3612EB
25
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Per Phase Current Sense
To achieve higher efficiency, the RT3612EB adopts
inductor DCR current sensing to get each phase current
signal, as illustrated in Figure 6. An external low-pass
filter RX1 and CX reconstruct the current signal. The low-
pass filter time constant RX1 x CX should match time
constant
X
L
DCR of Inductance and DCR. It's fine to fine tune
RX1 and CXfor transient performance and current reporting.
If RC network time constant matches inductor time
constant
X
L
DCR , an ideal load transient waveform can be
designed. If RC network time constant is larger than
inductor time constant
X
L
DCR , VCORE waveform has a
sluggish droop during load transient. If RC network is
smaller than inductor time constant
X
L
DCR ,VCORE
waveform sags to create an undershooting to fail the
specification and mis-trigger over current protections (sum
OCP and per phase OCP). Figure 7 shows the output
waveforms according to the RC network time constant.
The resistance of RCSx is restricted to 680
Ω and the
accuracy is within 1%. RX1 is highly recommended as
two 0603 size resistors in series to enhance the Iout
reporting accuracy. X7R type capacitor is suggested for
CX in the application.
,
CSIN
Lx
CS PERx
V
I
DCR
I
680
680


RX2 is optional for prevent VCSIN exceeding current sense
amplifier input range. The time constant of (RX1//RX2)*C
should match
LX
DCR
.
CSIN
LX
X2
CS,PERx
X1
X2
V
I
DCR
R
I
=
/ =
680
680
R +R

The current signal ICS,PERx is mirrored for loadline control/
current reporting, current balance, zero current detection
and over current protection. The mirrored current to IMON
pin is one time of ICS,PER.
,
IMON
MIRROR
CS PERx
MIRROR
IA
I
, A
1

The current sense lines must be routed as differential pair
from the inductor to the controller on the same layer.
Figure 6. Inductor DCR Current Sensing Method
ISENxP
ISENxN
LX
DCR
RX1
CX
VCORE
+
-
RCSx=680ohm
ILx
Gm
ICS,PERx
ICBx
IZDx
IOCx
+
-
VCSIN
IMONx
RX2
Option
Figure 7. All Kinds of RC Network Time Constant
x
xx
x
L
RC =
DCR
x
xx
x
L
RC <
DCR
x
xx
x
L
RC >
DCR
Sluggish droop
Undershoot created in VCORE
VCORE
VIMON
OUT
LL
I
x R
OUT
I
Ideal load transient waveform
VCORE
VIMON
OUT
LL
I
x R
OUT
I
VCORE
VIMON
OUT
LL
I
x R
OUT
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com