Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 13Page - Richtek Technology Corporation RT3612EB Datasheet HTML 14Page - Richtek Technology Corporation RT3612EB Datasheet HTML 15Page - Richtek Technology Corporation RT3612EB Datasheet HTML 16Page - Richtek Technology Corporation RT3612EB Datasheet HTML 17Page - Richtek Technology Corporation RT3612EB Datasheet HTML 18Page - Richtek Technology Corporation RT3612EB Datasheet HTML 19Page - Richtek Technology Corporation RT3612EB Datasheet HTML 20Page - Richtek Technology Corporation RT3612EB Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
RT3612EB
17
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 4. Timing Chart of PIN-SETTING Mechanism
PIN-SETTING Mechanism
The RT3612EB provides multiple parameters for platform
setting and BOM optimization. These parameters can be
set through SETx and TSEN pins. The RT3612EB adopts
two-step PIN-SETTING mechanism to maximize IC pin
utilization. Figure 4 shows the timing chart of PIN-
SETTING mechanism. Figure 5 illustrates this operating
mechanism for SETx.
The voltage at VREF06 pin ramps up to 3.2V after Chip
Enable = H. First, external divider voltage is sensed as
Vdivider. ADC codes Vdivider and stores in the Divider-
Register. Second, internal current 80
μAsources the divider
and generates another voltage as Vcurrent. VIXR = (Vcurrent-
Vdivider) is coded and stored in the IXR-Register. Vdivider
and Vcurrent can be represented as follows :
Figure 5. Operating Mechanism for SETx
VREF06 =
3.2V
R1
R2
SETx
80µA
SETx
Divider-Register
ADC
SETx
IXR-Register
VREF06 =
3.2V
R1
R2
SETx
80µA
ADC
SETx
Divider-Register
SETx
IXR-Register
VREF06
3.2V
80uA Switch of SETx
PIN-SETTING
Mode
VR Initial Setting Mode
Chip Enable
(VRON=H and VCC>4.45V)
VSEN (VBOOT=1.8V)
SETx
0.6V
80uA
0uA
1.8V
0V
3.2 x R2/(R1+R2)
0.6 x R2/(R1+R2)
80uA x (R1//R2)
SETx
Divider-
Register
SETx
IXR-Register
Offset
Cancellation1
Mode
Offset
Cancellation2
Mode
divider
current
R2
V3.2V
R1 R2
R2
R1 R2
V3.2V 80 A
R1 R2
R1 R2



Divider-Register and IXR-Register set specified functions.
For example, Divider-Register of SET1 sets ICCMAX and
TON width setting; IXR-Register of SET1 sets TON width
setting and VBOOT. All setting functions are summarized
in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com