Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 36 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 36 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 32Page - Richtek Technology Corporation RT3612EB Datasheet HTML 33Page - Richtek Technology Corporation RT3612EB Datasheet HTML 34Page - Richtek Technology Corporation RT3612EB Datasheet HTML 35Page - Richtek Technology Corporation RT3612EB Datasheet HTML 36Page - Richtek Technology Corporation RT3612EB Datasheet HTML 37Page - Richtek Technology Corporation RT3612EB Datasheet HTML 38Page - Richtek Technology Corporation RT3612EB Datasheet HTML 39Page - Richtek Technology Corporation RT3612EB Datasheet HTML 40Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
RT3612EB
36
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 22. Multi-Function Pin Setting Mechanism for
TSEN
Thermal Monitoring and Indicator
TSEN pin processes two functions of PIN-SETTING
(function setting) and thermal monitoring as shown in
Figure 22. The timing chart and related signals are shown
in Figure 23. After power on, TSEN has three operation
modes : PIN-SETTING, Pre-Thermal Sense and Thermal
Sense Mode. The corresponding function blocks of the
three modes are shown in Figure 22. In PIN-SETTING
Mode, TSEN pin voltage = 3.2V x R2/(R1 + R2) with
VREF06 = 3.2V and is coded by ADC and stored in PIN-
SETTING register. In Pre-Thermal Sense Mode, TSEN pin
voltage = 0.6V x R2/(R1 + R2) with VREF06 = 0.6V and
is coded and stored in Pre-Thermal Register. This part
helps Thermal Sense Mode calculation. In Thermal Sense
Mode, TSEN pin voltage = 0.6V x R2/(R1 + R2) + 80
μA x
[(R1//R2) + R3] with VREF06 = 0.6V and is coded. Pre-
Thermal Register code is subtracted from the result and
the value is stored in Thermal Register (The corresponding
TSEN voltage = 80
μA x [(R1//R2) + R3] that's defined as
Thermal Voltage. R3 is the NTC thermistor network to
sense temperature.) NTC thermistor is recommended to
to be placed near the MOSFET, the hottest area in the
PCB. Higher temperature causes smaller R3 and lower
TSEN. According to NTC thermistor temperature curve,
design Thermal Voltage v.s Temperature with proper Rx
network to meet Table 16. 100
°C Thermal Voltage = 80μA
x [(R1//R2) + R3, 100
°C] = 1.092V must be met. Controller
processes TSEN pin voltage to report temperature zone
register (12h). While TSEN pin voltage is less than 1.092V,
VR_HOT# is pulled low to indicate thermal alert. The
VR_HOT# signal is an open-drain signal. Thermal Register
data is updated every 100
μs and averaged every 800μs.
The resistance accuracy of TSEN network is recommended
to be less than 1% error.
VREF06
= 0.6V
R1
R2
TSEN
80µA
RNTC
VDDIO
PIN-SETTING
Register
ADC
Pre-Thermal
Register
Thermal Register
-
+
Thermal Sense Mode
1.092V
Thermal Sense Mode
R3
VR_HOT#
VREF06
= 0.6V
R1
R2
TSEN
80µA
RNTC
VDDIO
PIN-SETTING
Register
ADC
Pre-Thermal
Register
Thermal Register
-
+
Thermal Sense Mode
1.092V
Pre-Thermal
Sense Mode
R3
VR_HOT#
VREF06
= 3.2V
R1
R2
TSEN
80µA
RNTC
PIN-SETTING
Register
ADC
Pre-Thermal
Register
1.092V
VR_HOT#
VDDIO
Thermal Register
-
+
Thermal Sense Mode
PIN-SETTING Mode
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com