Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 43 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 43 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 39Page - Richtek Technology Corporation RT3612EB Datasheet HTML 40Page - Richtek Technology Corporation RT3612EB Datasheet HTML 41Page - Richtek Technology Corporation RT3612EB Datasheet HTML 42Page - Richtek Technology Corporation RT3612EB Datasheet HTML 43Page - Richtek Technology Corporation RT3612EB Datasheet HTML 44Page - Richtek Technology Corporation RT3612EB Datasheet HTML 45Page - Richtek Technology Corporation RT3612EB Datasheet HTML 46Page - Richtek Technology Corporation RT3612EB Datasheet HTML 47Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
RT3612EB
43
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Over Voltage Protection (OVP)
The OVP threshold is linked with VID. The classification
table and waveform are illustrated in Table 18 and Figure
29. While VID = 0V in case of VR internal setting mode
or DACOFF or PS4, OVP is masked. When VID ramps
up from VID = 0V till the first PWM after VID settles, OVP
threshold is 2.45V to allow not-fully-discharged VSEN.
Otherwise, the OVP threshold is relative to VID and equals
to VID+350mV with minimum limit = 2.23V. While
VID<1.88V, the OVP threshold is limited at 2.23V.
The OV protection mechanism is illustrated in Figure 30.
When OVP is triggered with 0.5us filter time, controller
de-asserts VR_READY and forces all PWMs low to turn
on low-side power MOSFETs. After 60
μs from OVP trigger,
VID starts to ramp down to 0V with slow slew rate. During
the period, PWMx is not allowed to turn on.
Figure 29. Timing Chart for Over Voltage Threshold
VID
350mV
NO OVP
0V
Minimum OVP= 2.23V
DVID UP from VID=0V
OVP threshold transition at 1st PWM after
VID settles
VID settle
PWM
OVP Threshold
Table 18. Summary of Over Voltage Protection
VID Condition
OVP Threshold
Example
Protection Action
Protection
Reset
VID = 0
(VRON = L or VR
internal setting mode
or DACOFF or PS4)
OVP is masked
VR_READY latched
low.
VCC/EN
Toggle
DVID up period from
0V to 1st PWM pulse
after VID settles
2.45V
DVID period from
non-zero VID
VID+350mV
minimum threshold = 2.23V
VID = 2V, OVP
threshold = 2.35V
VID = 1.2V, OVP
threshold = 2.23V
VID≠0
VID+350mV
minimum threshold = 2.23V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com