Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT3612EB Datasheet HTML 1Page - Richtek Technology Corporation RT3612EB Datasheet HTML 2Page - Richtek Technology Corporation RT3612EB Datasheet HTML 3Page - Richtek Technology Corporation RT3612EB Datasheet HTML 4Page - Richtek Technology Corporation RT3612EB Datasheet HTML 5Page - Richtek Technology Corporation RT3612EB Datasheet HTML 6Page - Richtek Technology Corporation RT3612EB Datasheet HTML 7Page - Richtek Technology Corporation RT3612EB Datasheet HTML 8Page - Richtek Technology Corporation RT3612EB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
RT3612EB
2
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin Configuration
WQFN-32L 4x4
(TOP VIEW)
Pin No.
Pin Name
Pin Function
25, 1
BOOT[1:2]
Bootstrap supply for high-side gate MOSFET driver.
2
VR_HOT#
Thermal monitor output. (Active low).
3
ALERT#
SVID alert. (Active low).
4
VDIO
VR and CPU data transmission interface.
5
VCLK
Synchronous clock from the CPU.
6
SET3
Function settings for loop response speed-up adaptive quick response (AQR)
trigger level, zero current detection, sum OCP ratio and undershoot
suppression.
7
SET2
Function settings for anti-overshoot trigger level, current gain (Ai), DVID fast
slew rate, acoustic noise suppression and high frequency ACLL voltage
compensation in PS1.
8
SET1
Function settings for ICCMAX, TON width setting (switching frequency) and
VBOOT. Connect the SET1 pin to 5V and turn on the VRON pin, if the soldering
is good, the output voltage is 1.8V.
9
PSYS
System input power monitor. Place the PSYS resistor as close to the IC as
possible.
10
VCC
Controller power supply. Connect this pin to 5V and place an RC filter, R = 6.2
and C = 4.7
F. The decoupling capacitor should be as close as physically
possible to the VCC pin.
11
IMON
Current monitor output for controller. This pin outputs a voltage proportional to
the output current.
BOOT2
VDIO
VR_READY
ISEN1N
VIN
VRON
SET3
VCLK
ISEN2N
SET2
SET1
ISEN1P
33
24
23
22
21
1
2
3
4
10 11 12 13
31 30 29 28
20
19
5
6
9
32
14
27
18
7
15
26
16
25
17
8
GND
ISEN2P
TSEN
ALERT#
VR_HOT#
Marking Information
5V= : Product Code
YMDNN : Date Code
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
QW : WQFN-32L 4x4 (W-Type)
RT3612EB
Lead Plating System
G : Green (Halogen Free and Pb Free)
5V=YM
DNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com