Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 4Page - Richtek Technology Corporation RT3612EB Datasheet HTML 5Page - Richtek Technology Corporation RT3612EB Datasheet HTML 6Page - Richtek Technology Corporation RT3612EB Datasheet HTML 7Page - Richtek Technology Corporation RT3612EB Datasheet HTML 8Page - Richtek Technology Corporation RT3612EB Datasheet HTML 9Page - Richtek Technology Corporation RT3612EB Datasheet HTML 10Page - Richtek Technology Corporation RT3612EB Datasheet HTML 11Page - Richtek Technology Corporation RT3612EB Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
RT3612EB
8
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VCC = 5V, typical values are referenced to TJ = 25
°C, Min and Max values are referenced to TJ from −10°C to 105°C, unless
other noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
IVCC
VRON = H, not switching
--
6.5
--
mA
Supply Current at PS4
IVCC_PS4
VRON = H, not switching
--
0.08
0.097
mA
Shutdown Current
ISHDN
VRON = L
--
--
10
A
Slew Rate
Dynamic
VID Slew
Rate
Fast Slew Rate
SR
(Y/U/H-line)
SetVID fast
48
--
--
mV/
s
Slow Slew
Rate
SetVID slow, slew rate default = 1/4
fast
12
--
--
EA Amplifier
DC Gain
ADC
RL = 47k
70
--
--
dB
Gain-Bandwidth Product
GBW
CLOAD = 5pF
--
5
--
MHz
Slew Rate
SREA
CLOAD = 10pF (Gain =
4, Rf =
47k
, VOUT = 0.5V to 3V)
5
--
--
V/
s
Output Voltage Range
VCOMP
RL = 47k
0.3
--
3.6
V
Maximum Source/Sink
Current
IOUTEA
VCOMP = 2V
--
5
--
mA
Input Offset Voltage
VOSEA
TA = 25°C
3
3
mV
Current Sensing Amplifier
Input Offset Voltage
VOSCS
0.6
--
0.6
mV
Impedance at Positive
Input
RISENxP
1
--
--
M
CS Input Voltage
VCSIN
Differential voltage range of DCR
sense. (VCSIN= Inductor current x
DCR x DCR divider)
10
--
100
mV
Current Sense Gain Error
AMIRROR
Internal current mirror gain of per
phase current sense
IIMON / ICS,PERx
0.97
1
1.03
A/A
TON Setting
On-Time Setting
tON
VIN = 19V,VID = 1.8V, KTON = 1.36
--
165
--
ns
Minimum Off-Time
tOFF
VDAC = 1.8V under PS1 condition
--
150
--
ns
Protections
Under-Voltage Lockout
Threshold
VUVLO
Falling edge
3.9
4.1
4.3
V
VUVLO
Rising edge hysteresis
100
170
250
mV
Over-Voltage Protection
Threshold
VOV
Respect to VID voltage, VID > 1.88V
VID
+ 300
VID
+ 350
VID
+ 400
mV
VID
 1.88V
--
2.23
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com