Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 9Page - Richtek Technology Corporation RT3612EB Datasheet HTML 10Page - Richtek Technology Corporation RT3612EB Datasheet HTML 11Page - Richtek Technology Corporation RT3612EB Datasheet HTML 12Page - Richtek Technology Corporation RT3612EB Datasheet HTML 13Page - Richtek Technology Corporation RT3612EB Datasheet HTML 14Page - Richtek Technology Corporation RT3612EB Datasheet HTML 15Page - Richtek Technology Corporation RT3612EB Datasheet HTML 16Page - Richtek Technology Corporation RT3612EB Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
RT3612EB
13
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (10
μs/Div)
VR Dynamic VID Down
VIN = 19V,
VID = 1.8V to 1.6V,
Slew Rate = Slow
VCLK
(1V/Div)
VCCIN
(100mV/Div)
Offset 1.8V
VDIO
(1V/Div)
ALERT
(1V/Div)
Time (10
μs/Div)
VR Dynamic VID Up
VIN = 19V,
VID = 1.6V to 1.8V,
Slew Rate = Fast
VCLK
(1V/Div)
VCCIN
(100mV/Div)
Offset 1.8V
VDIO
(1V/Div)
ALERT
(1V/Div)
Time (10
μs/Div)
VR Dynamic VID Down
VIN = 19V,
VID = 1.6V to 1.8V,
Slew Rate = Fast
VCLK
(1V/Div)
VCCIN
(100mV/Div)
Offset 1.8V
VDIO
(1V/Div)
ALERT
(1V/Div)
Time (5ms/Div)
Thermal Monitioring
VIN = 19V, VTSEN Sweep from 1V to 2V
VTSEN
(500mV/Div)
VR_HOT
(1V/Div)
Time (50
μs/Div)
VR Mode Transient
VIN = 19V, VID = 1.8V,
PS0 to PS2, ILOAD = 2A
VDIO
(1V/Div)
VCCIN
(30mV/Div)
Offset 1.8V
UG2
(20V/Div)
UG1
(20V/Div)
Time (50
μs/Div)
VR Mode Transient
VIN = 19V, VID = 1.8V, PS2 to PS0, ILOAD = 2A
VDIO
(1V/Div)
VCCIN
(30mV/Div)
Offset 1.8V
UG2
(20V/Div)
UG1
(20V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com