Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 24Page - Richtek Technology Corporation RT3612EB Datasheet HTML 25Page - Richtek Technology Corporation RT3612EB Datasheet HTML 26Page - Richtek Technology Corporation RT3612EB Datasheet HTML 27Page - Richtek Technology Corporation RT3612EB Datasheet HTML 28Page - Richtek Technology Corporation RT3612EB Datasheet HTML 29Page - Richtek Technology Corporation RT3612EB Datasheet HTML 30Page - Richtek Technology Corporation RT3612EB Datasheet HTML 31Page - Richtek Technology Corporation RT3612EB Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
RT3612EB
28
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dynamic VID (DVID) Compensation
During DVID transition, an extra current is required to
charge output capacitance for increasing voltage. The
charging current approximates to the product of the DVID
slew rate and output capacitance. For droop system, the
extra charging current induces extra voltage droop so that
the output voltage cannot reach target within the specified
time. The extra voltage drop approximates to DVID Slew
Rate x Output Capacitance x RLL (RLLis the loadline slope,
Ω). This phenomenon is called droop effect. How charging
current affects loop is illustrated in Figure 11. The
RT3612EB provides one DVID compensation function as
shown in Figure 12. An internal current IDVID_LIFT is sinking
internally from FB pin to generate DVID compensation
IDVID_LIFT x REA1. IDVID_LIFT for 50mV/
μs DVID SR can be
set from TSEN PIN-SETTING of DVID_LIFT, disabled or
5uA. For different scale of DVID SR, IDVID_LIFT is internally
Figure 11. Droop Effect in VID Transition
VSEN
Droop Effect
Charging
Current
for DVID
Inductor Current
VID
Figure 12. DVID Compensation
adjusted. Compensating magnitude can also be adjusted
by REA1. For IMVP9 specification, output voltage should
be within target TOB at 3us after Alert# assertion. While
DAC just arrives target (Alert issue timing), inductor current
is still high and needs a time to settle down to the DC
loading current. In the settling time, the falling down current
keeps to charge output capacitance (The magnitude is
related with inductor, capacitance and VID). Thus DVID
compensation can be less than DVID Slew Rate x Output
Capacitance (Capacitance degeneration should be
considered). While output capacitance is so large that
DVID compensation cannot cover, adding resistor and
capacitance from FB to GND also can provide similar
function. ERROR AMP compensation (resistance and
capacitance network among VSEN, FB and COMP) also
affects DVID behavior. The final setting should be based
on actual measurement.
VIN
Gate
Driver
Q1
Q2
RESR
CO2
C2
CO1
Current
Sense
C1
+
-
EA
+
-
VID
+
-
IDVID_LIFT
REA1
REA2
TON
GEN/
Driver
Interface
PWM
CMP
Cx
Rx
Lx
DCR
Charging
Current
for DVID
Inductor Current
VID
DVID Compensation
Improved VSEN
Optional for extra large
ouput capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com