Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 34Page - Richtek Technology Corporation RT3612EB Datasheet HTML 35Page - Richtek Technology Corporation RT3612EB Datasheet HTML 36Page - Richtek Technology Corporation RT3612EB Datasheet HTML 37Page - Richtek Technology Corporation RT3612EB Datasheet HTML 38Page - Richtek Technology Corporation RT3612EB Datasheet HTML 39Page - Richtek Technology Corporation RT3612EB Datasheet HTML 40Page - Richtek Technology Corporation RT3612EB Datasheet HTML 41Page - Richtek Technology Corporation RT3612EB Datasheet HTML 42Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
RT3612EB
38
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
System Input Power Monitoring (PSYS)
RT3612EB provides PSYS function to monitor total
platform system power and report to the CPU via SVID
interface. The PSYS function can be illustrated as in Figure
24. PSYS meter measures system input current and
outputs a proportional current signal IPSYS. RPSYS is
designed for the PSYS voltage = 1.6V with maximum
IPSYS for 100% system input power. 1.6V is a full-scale
analog signal for FFh digitized code.
Figure 24. PSYS Function Block Diagram
Zero Loadline
RT3612EB also can support zero loadline function. It can
be enabled by PIN-SETTING of Zero LL_EN = 1. When
zero loadline function is enabled, the output voltage is
determined only by VID and does not vary with the loading
current like loadline system behavior. RT3612EB adopts
a new feature, i.e. AC-droop, to effectively suppress load
transient ring back and to control overshoot well for zero
loadline application. Figure 25 shows the condition without
AC-droop control. The output voltage without AC-droop
control has extra ring back
ΔV2 due to C area charge.
Figure 26 shows the condition with AC-droop control. While
loading occurs, controller temporarily changes VID target
to short-term voltage target. Short-term voltage target is
related to transient loading current
ΔICC and can be
represented as the following :
Short_Term_Voltage_Target = VID
− ΔICC x RLL
The setting method of RLL is the same as loadline system.
The short-term voltage target reverts to VID target slowly
after a period of time. The short-term voltage target can
help inductor current not to exceed loading current too
much and then the ring back can be suppressed. The
overshoot amplitude is reduced to only
ΔV3.
Input Power
Source
PSYS "Meter"
RT3612EB
PSYS
CPU
IPSYS
SVID
Analog Current Signal
(Indicates system total
power)
VPSYS
RPSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com