Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 19Page - Richtek Technology Corporation RT3612EB Datasheet HTML 20Page - Richtek Technology Corporation RT3612EB Datasheet HTML 21Page - Richtek Technology Corporation RT3612EB Datasheet HTML 22Page - Richtek Technology Corporation RT3612EB Datasheet HTML 23Page - Richtek Technology Corporation RT3612EB Datasheet HTML 24Page - Richtek Technology Corporation RT3612EB Datasheet HTML 25Page - Richtek Technology Corporation RT3612EB Datasheet HTML 26Page - Richtek Technology Corporation RT3612EB Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
RT3612EB
23
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VIXR_SET3 (mV)
Sum OCP Ratio
Undershoot suppression
Min.
Typ.
Max.
PS0(index)
PS1(index)
6.5
50
91.5
160%
Disable
Disable
108.5
150
189.5
Disable
175
210.5
250
287.5
200
125
312.5
350
385.5
200
150
414.5
450
483.5
200
175
516.5
550
581.5
250
125
618.5
650
679.5
250
150
720.5
750
777.5
250
175
822.5
850
875.5
130%
Disable
Disable
924.5
950
973.5
Disable
175
1026.5
1050
1071.5
200
125
1128.5
1150
1169.5
200
150
1230.5
1250
1267.5
200
175
1332.5
1350
1365.5
250
125
1434.5
1450
1463.5
250
150
1536.5
1550
1590
250
175
Table 6. SET3 Pin Setting for Sum OCP Ratio and Undershoot Suppression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com