Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 37 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 37 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 33Page - Richtek Technology Corporation RT3612EB Datasheet HTML 34Page - Richtek Technology Corporation RT3612EB Datasheet HTML 35Page - Richtek Technology Corporation RT3612EB Datasheet HTML 36Page - Richtek Technology Corporation RT3612EB Datasheet HTML 37Page - Richtek Technology Corporation RT3612EB Datasheet HTML 38Page - Richtek Technology Corporation RT3612EB Datasheet HTML 39Page - Richtek Technology Corporation RT3612EB Datasheet HTML 40Page - Richtek Technology Corporation RT3612EB Datasheet HTML 41Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
RT3612EB
37
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 23. Timing Chart for Thermal Monitoring
VREF06
3.2V
Higher
temperature, lower
V(TSEN)
80uA Switch of
TSEN
PIN-SETTING
Mode
TSEN Operation
Mode
Thermal Sense Mode
VR Internal
Setting
Pre-Thermal
Sense Mode
EN
VSEN
(VBOOT=1.8V)
TSEN
3.2 x R2/(R1+R2)
0.6 x R2/(R1+R2) + 80uA x [(R1//R2)+R3]
Temperature
0.6V
80uA
0uA
1.8V
0V
25 Celsius
PIN-SETTING
Register
Pre-Thermal
Register
Thermal
Register
Thermal Voltage:
80uA x [(R1//R2)+R3]
Table 16. Thermal Zone and Detection Encoding with RNTC = 100k
Ω
Ω
Ω
Ω
Ω , Beta = 4485K
Temperature
Thermal Voltage
80
A x [(R1//R2) + R3]
Temperature Zone Register
(12h)
100
℃
1.092V
FFh
97
℃
1.132V
7Fh
94
℃
1.176V
3Fh
91
℃
1.226V
1Fh
88
℃
1.283V
0Fh
85
℃
1.346V
07h
82
℃
1.418V
03h
75
℃
1.624V
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com