Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT3612EB Datasheet HTML 1Page - Richtek Technology Corporation RT3612EB Datasheet HTML 2Page - Richtek Technology Corporation RT3612EB Datasheet HTML 3Page - Richtek Technology Corporation RT3612EB Datasheet HTML 4Page - Richtek Technology Corporation RT3612EB Datasheet HTML 5Page - Richtek Technology Corporation RT3612EB Datasheet HTML 6Page - Richtek Technology Corporation RT3612EB Datasheet HTML 7Page - Richtek Technology Corporation RT3612EB Datasheet HTML 8Page - Richtek Technology Corporation RT3612EB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
RT3612EB
4
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
FB
COMP
RGND
PWM2
PWM1
VID
OVP/
UVP/
OCP
ERROR
AMP
Offset
Cancellation
ISEN2N
ISEN2P
ISEN1N
ISEN1P
To TONGEN
+
-
+
-
DAC
TON
GEN/
Driver
Interface
VSEN
IMON VREF06
PWM
CMP
+
VIN
Loop Control/
Protection Logic
SVID Interface
Configuration Registers
Control Logic
UVLO
ADC
GND
MUX
TONSET[3:0]
IOCx
IMON
AQR/
ANTIOVS
ZCDx
VCBx
+
-
Gm
ICB1
IZD1
IOC1
+
-
Gm
ICB2
IZD2
IOC2
+
-
PIN Function
Setting Code
AQR_TH[2:0]
ANTIOVS_TH[2:0]
Current
Balance
ICBx
VCBx
To Protection Logic
VSEN
0.6V/3.2V
IMON
Filter
Zero
Current
Detection
IZDx
ZCDx
Ai[1:0]
ZCDx
RAMP
+
-
IIMON1
IIMON2
IMONAVG
IMONAVG
ZCD_TH[1:0]
Driver
PVCC
UGATE1
PHASE1
BOOT1
LGATE1
UGATE2
PHASE2
BOOT2
LGATE2
ANS_EN
HFACLL_LIFT_PS1[1:0]
Ring-back
Control
FLRAMP_PS0[1:0]
FLRAMP_PS1
+
UDS[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com