Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 7Page - Richtek Technology Corporation RT3612EB Datasheet HTML 8Page - Richtek Technology Corporation RT3612EB Datasheet HTML 9Page - Richtek Technology Corporation RT3612EB Datasheet HTML 10Page - Richtek Technology Corporation RT3612EB Datasheet HTML 11Page - Richtek Technology Corporation RT3612EB Datasheet HTML 12Page - Richtek Technology Corporation RT3612EB Datasheet HTML 13Page - Richtek Technology Corporation RT3612EB Datasheet HTML 14Page - Richtek Technology Corporation RT3612EB Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
RT3612EB
11
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
RT3612EB
RNTC2
VREF06
IMON
11
12
ISEN2P
ISEN2N
17
18
VIN
VSS_SENSE
20
VIN
ISEN1P
ISEN1N 19
27
VCCST
VR_READY
24
2
VR_HOT#
VCLK
VDIO
ALERT#
To CPU
VRON
5
4
3
23
R28
R27
R26
R25
R24
R23
R21
R22
R45
Q4 x 2
Q3
R38
R37
C12
C13
C14
C16
R42
Optional
R44
R41
C15
Optional
R36
Q2 x 2
Q1
R31
R30
C6
C7
C8
L1
C10
R33
Optional
R35
R32
C9
Optional
R40
C17
Optional
C18
L2
Enable
10 VCC
5V
R2
C1
29
PVCC
TSEN
21
8
7
6
SET1
SET2
SET3
R15
VREF
R3
R5
R7
22 VIN
VIN
R18
C2
VREF
VCC_SENSE
C19
R39
LOAD
VCORE_OUT
RNTC1
R11
R9
R10
PSYS
9
R19
C3
R20
C4
R29
C5
0.1µF
0.1µF
4.7µF
6.2Ω
25
BOOT1
UGATE1 26
PHASE1
LGATE1
28
31
1
BOOT2
UGATE2 32
PHASE2
LGATE2
30
5V
R1
2.2µF
2.2Ω
VSEN
COMP
VCC_SENSE
VSS_SENSE
RGND
15
13
14
FB 16
C22
C21
R47
C24
C23
C25
Optional
Optional
Optional
R46
GND 33 (Exposed Pad)
R34
R43
3.9Ω
0.47µF
R4
R6
R8
R12
R13
R14
R16
R17
C11
680Ω
C20
680Ω
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com