Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 11Page - Richtek Technology Corporation RT3612EB Datasheet HTML 12Page - Richtek Technology Corporation RT3612EB Datasheet HTML 13Page - Richtek Technology Corporation RT3612EB Datasheet HTML 14Page - Richtek Technology Corporation RT3612EB Datasheet HTML 15Page - Richtek Technology Corporation RT3612EB Datasheet HTML 16Page - Richtek Technology Corporation RT3612EB Datasheet HTML 17Page - Richtek Technology Corporation RT3612EB Datasheet HTML 18Page - Richtek Technology Corporation RT3612EB Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
RT3612EB
15
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Power-ON Sequence
In order to confirm sufficient power supply for proper
operation, the VR triggers UVLO if VCC pin drops below
4.3V (max). UVLO protection shuts down controller and
forces high-side MOSFET and low-side MOSFET off. When
VCC > 4.45, the RT3612EB issues POR = high and waits
for VRON signal. After POR = high and VRON > 0.7V,
controller powers on (Chip Enable = H) and starts VR
internal settings, which include internal circuit offset
correction and function settings (PIN-SETTING). Users
Figure 2. Typical Timing of Controller Power-On
can set multi-functions through SETx and TSEN pins.
Figure 2 shows the typical timing of controller power-on.
After all internal settings are done and VBOOT = 0V,
VR_READY asserts to inform system that controller is
ready to communicate with CPU. If VBOOT = 1.8V,
VR_READY asserts until DVID to VBOOT. VR_READY
asserts within 2.5ms (max) after Chip Enable = H (VRON
= H and VCC > 4.45V). The pull-high power of VRON pin
is recommended as 1.05V, the same power as SVID
interface. That can ensure SVID power is ready while
VRON = H. For the VR normal operation, VIN should be
ready before VCC and VCC is strongly suggested to be
ready before driver power(PVCC) to prevent current flowing
back to VCC from PVCC through PWMx pin or DRVEN
pin. Moreover, VRON must be the last one to asserts after
both VCC and PVCC are ready (>UVLO).
VR Initial Setting Mode
Chip Enable
(VRON=H and VCC>4.45V)
VR_READY
SVID Command
VSEN
PIN-SETTING
Mode
Offset
Cancellation1
Mode
Offset
Cancellation2
Mode
PVCC
VCC
VRON
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com