Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 41 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 41 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 37Page - Richtek Technology Corporation RT3612EB Datasheet HTML 38Page - Richtek Technology Corporation RT3612EB Datasheet HTML 39Page - Richtek Technology Corporation RT3612EB Datasheet HTML 40Page - Richtek Technology Corporation RT3612EB Datasheet HTML 41Page - Richtek Technology Corporation RT3612EB Datasheet HTML 42Page - Richtek Technology Corporation RT3612EB Datasheet HTML 43Page - Richtek Technology Corporation RT3612EB Datasheet HTML 44Page - Richtek Technology Corporation RT3612EB Datasheet HTML 45Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
RT3612EB
41
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 27. Sum OC Protection Mechanism
Sum OCP threshold
Inductor Current
VID
VR_READY
Sum OCP trigger
80us
Mask sum OCP
Inductor current>Sum OCP threshold
40us
40us
Table 17. Per Phase OC Threshold
ICCMAX
N
(A)
Per phase OCP TH (A)
While RIMON,EQ design meets the following
conditions
,
IMON EQ
CSx
DCR
1.6V ICCMAX
R
R

31
CSx
IMON,EQ
R
2.25
1
1.6V
NDCR R

2.25 ICCMAX
N
23 - 30
CSx
IMON,EQ
R
2.625
1
1.6V
NDCR R

2.625 ICCMAX
N
18 - 22
CSx
IMON,EQ
R
3.9375
1
1.6V
NDCR R

3.9375 ICCMAX
N
17
CSx
IMON,EQ
R
5.25
1
1.6V
NDCR R

5.25 ICCMAX
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com