Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 23Page - Richtek Technology Corporation RT3612EB Datasheet HTML 24Page - Richtek Technology Corporation RT3612EB Datasheet HTML 25Page - Richtek Technology Corporation RT3612EB Datasheet HTML 26Page - Richtek Technology Corporation RT3612EB Datasheet HTML 27Page - Richtek Technology Corporation RT3612EB Datasheet HTML 28Page - Richtek Technology Corporation RT3612EB Datasheet HTML 29Page - Richtek Technology Corporation RT3612EB Datasheet HTML 30Page - Richtek Technology Corporation RT3612EB Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
RT3612EB
27
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 10. Voltage Loop and Current Loop for Load Line
+
-
REA1
VID
Cx
Rx
Lx
DCR
IL1,2
ISENxN
ISENxP
RCSx=680Ω
(ICS,PER1 + ICS,PER2 )
-
+
-
Voltage Loop
RIMON,EQ
IMON
RNTC
VREF06
+
-
Gm
TON
GEN/
Driver
Interface
PWM
CMP
ICS,PERx
Current Loop
ERROR
AMP
1:1
REA2
Ai x 2.5
VCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com