Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 14Page - Richtek Technology Corporation RT3612EB Datasheet HTML 15Page - Richtek Technology Corporation RT3612EB Datasheet HTML 16Page - Richtek Technology Corporation RT3612EB Datasheet HTML 17Page - Richtek Technology Corporation RT3612EB Datasheet HTML 18Page - Richtek Technology Corporation RT3612EB Datasheet HTML 19Page - Richtek Technology Corporation RT3612EB Datasheet HTML 20Page - Richtek Technology Corporation RT3612EB Datasheet HTML 21Page - Richtek Technology Corporation RT3612EB Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
RT3612EB
18
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 1. Summary of Pin Setting Functions
Function Setting
Symbol
Description
SET1
Divider
Register[4]
TON width setting
(Switching frequency)
TONSET[3]
According to required frequency, to select
TON width.
Divider
Register[3:0]
ICCMAX
ICCMAX[3:0]
According to platform, to set corresponding
ICCMAX.
IXR
Register[4:2]
TON width setting
(Switching frequency)
TONSET[2:0]
According to required frequency, to select
TON width.
IXR
Register[1]
VBOOT
VBOOT_SET
VBOOT_SET= 0: VBOOT = 0V, wait for
SVID command after controller power on.
VBOOT_SET= 1: Automatically DVID to
VBOOT=1.8V after controller power on.
SET2
Divider
Register[4:2]
Anti-overshoot trigger
level
ANTIOVS_TH[2:0]
ANTIOVS for reduction of overshoot at
loading falling edge. To set trigger level.
Divider
Register[1:0]
Current gain
Ai[1:0]
Current gain setting
IXR
Register[4]
DVID fast slew rate
DVID Fast_SR
DVID Fast_SR = 0 : 48mV/us; for
Y/U/H-line.
IXR
Register[3]
Acoustic noise
suppression
ANS_EN
ANS_EN=0 : Disable.
ANS_EN=1 : Enable. To reduce acoustic
noise.
IXR
Register[2:1]
High frequency ACLL
voltage compensation
in PS1
HFACLL_LIFT
_PS1[1:0]
To provide positive offset in high frequency
ACLL.
SET3
Divider
Register[4:2]
Adaptive quick
response(AQR)
trigger level
AQR_TH[2:0]
AQR for loop response speed-up of loading
rising edge. To set trigger level.
Divider
Register[1:0]
Zero current detection
threshold
ZCD_TH[1:0]
Detects
whether
each
phase
current
crosses zero current. To set trigger level.
IXR
Register[4]
Sum OCP ratio
SUM_OC
SUM_OC = 0 : 160% x ICCMAX
SUM_OC = 1 : 130% x ICCMAX
IXR
Register[3:1]
Undershoot
suppression
UDS[2:0]
To improve undershoot by applying a
positive offset at loading edge. To set
trigger level.
TSEN
Divider
Register[5]
Advanced ramp
magnitude in PS1
FLRAMP_PS1
Advanced Ramp is developed to solve loop
natural lag due to PCB parasitic inductance
and prevent adjacent PWM turn-on.
Divider
Register[4:3]
Advanced ramp
magnitude in PS0
FLRAMP_PS0[1:0]
Advanced Ramp is developed to solve loop
natural lag due to PCB parasitic inductance
and prevent adjacent PWM turn-on.
Divider
Register[2]
Zero load line
Zero LL_EN
Zero LL_EN = 0 : Disable zero load line.
Zero LL_EN = 1 : Enable zero load line.
Divider
Register[1]
DVID voltage
compensation
level
DVID_LIFT
DVID_LIFT = 0 : Disable.
DVID_LIFT = 1 : 5uA current source sinks
from
FB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com