Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 27Page - Richtek Technology Corporation RT3612EB Datasheet HTML 28Page - Richtek Technology Corporation RT3612EB Datasheet HTML 29Page - Richtek Technology Corporation RT3612EB Datasheet HTML 30Page - Richtek Technology Corporation RT3612EB Datasheet HTML 31Page - Richtek Technology Corporation RT3612EB Datasheet HTML 32Page - Richtek Technology Corporation RT3612EB Datasheet HTML 33Page - Richtek Technology Corporation RT3612EB Datasheet HTML 34Page - Richtek Technology Corporation RT3612EB Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
RT3612EB
31
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Adaptive Quick Response (AQR)
The RT3612EB features adaptive quick response (AQR)
function to optimize transient response. The mechanism
concept is illustrated in Figure 16. Controller detects
output voltage drop slew rate. While the slew rate exceeds
the AQR threshold, all PWMs turn on until output voltage
slew rate significantly slows down. The output voltage slew
rate transition also indicates that inductor current almost
reaches the loading current. Under such mechanism, AQR
PWM width is adaptive to variable loading step. The
RT3612EB provides various AQR threshold through PIN-
SETTING of AQR_TH[2:0]. The following equation can
initially decide the AQR starting trigger threshold. Smaller
threshold indicates larger AQR PWM. Note that the
threshold should be larger than steady-state output voltage
ripple falling slew rate and also the overshoot falling slew
rate to avoid miss triggering AQR.
dVSEN
AQR starting trigger threshold = -200k 20p
dt

Figure 16. Adaptive Quick Response Mechanism
Output
voltage
VBIAS
VBIAS
AQR
Threshold
Vdiff
PWM_
AQR
PWM
_AQR
Io
Output
voltage
AQR
Threshold
Vdiff
Table 10. PIN-SETTING of AQR_TH
AQR_TH[2:0]
AQR Starting Trigger
Threshold(mV)
000
440
001
520
010
600
011
680
100
760
101
840
110
920
111
Disable
Anti-overshoot (ANTI-OVS)
The RT3612EB provides Anti-overshoot Function to
depress output voltage overshoot. Controller detects
overshoot by signals relating to output voltage. The
overshoot trigger level can be adjusted by PIN-SETTING
as listed in Table 11. The main detecting signal comes
from COMP. However, COMP varies with compensation.
Initial trigger level setting can be based on the following
equation :
EA2
EA1
Antiovershoot Threshol
R
44
COMP
VSEN
3
d of ANTIOVS_TH[2 ]
3
0
R
:
  
The final setting should be according to actual Error AMP
compensator design and measurement.
While overshoot exceeds the setting trigger level, all
PWMs keep in tri-state until the zero current is detected.
Turning off LGs forces positive current flow through body
diode to cause diode forward voltage. The extra forward
voltage can speed up inductor current discharge and
decrease overshoot.
Table 11. PIN-SETTING of Anti-Overshoot Threshold
ANTIOVS_TH[2:0]
Anti-Overshoot Threshold
(mV)
000
90
001
120
010
150
011
180
100
210
101
240
110
270
111
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com