Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 3Page - Richtek Technology Corporation RT3612EB Datasheet HTML 4Page - Richtek Technology Corporation RT3612EB Datasheet HTML 5Page - Richtek Technology Corporation RT3612EB Datasheet HTML 6Page - Richtek Technology Corporation RT3612EB Datasheet HTML 7Page - Richtek Technology Corporation RT3612EB Datasheet HTML 8Page - Richtek Technology Corporation RT3612EB Datasheet HTML 9Page - Richtek Technology Corporation RT3612EB Datasheet HTML 10Page - Richtek Technology Corporation RT3612EB Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
RT3612EB
7
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions (Note 4)
VIN to GND ------------------------------------------------------------------------------------------------------------------- 4.5V to 24V
Supply Input Voltage, VCC ----------------------------------------------------------------------------------------------- 4.5V to 5.5V
Junction Temperature Range ---------------------------------------------------------------------------------------------
−10°C to 105°C
Absolute Maximum Ratings (Note 1)
VIN to GND -------------------------------------------------------------------------------------------------------------------
−0.3V to 28V
VCC to GND -----------------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
RGND to GND ---------------------------------------------------------------------------------------------------------------
−0.3V to 0.3V
PVCC to GND ---------------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
BOOTx to PHASEx
DC -----------------------------------------------------------------------------------------------------------------------------
−0.3V to 6.8V
< 100ns ----------------------------------------------------------------------------------------------------------------------
−5V to 7.5V
PHASEx to GND
DC -----------------------------------------------------------------------------------------------------------------------------
−0.3V to 32V
< 100ns ----------------------------------------------------------------------------------------------------------------------
−10V to 38V
UGATEx to PHASEx
DC -----------------------------------------------------------------------------------------------------------------------------
−0.3V to 6.8V
< 100ns ----------------------------------------------------------------------------------------------------------------------
−5V to 7.5V
LGATEx to GND
DC -----------------------------------------------------------------------------------------------------------------------------
−0.3V to 6.8V
< 100ns ----------------------------------------------------------------------------------------------------------------------
−2.5V to 7.5V
Other Pins--------------------------------------------------------------------------------------------------------------------
−0.3V to 6.8V
Power Dissipation, PD @ TA = 25
°C
WQFN-32L 4x4 ------------------------------------------------------------------------------------------------------------- 3.59W
Package Thermal Resistance (Note 2)
WQFN-32L 4x4,
θJA -------------------------------------------------------------------------------------------------------- 27.8°C/W
WQFN-32L 4x4,
θJC ------------------------------------------------------------------------------------------------------- 7°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com