Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 2Page - Richtek Technology Corporation RT3612EB Datasheet HTML 3Page - Richtek Technology Corporation RT3612EB Datasheet HTML 4Page - Richtek Technology Corporation RT3612EB Datasheet HTML 5Page - Richtek Technology Corporation RT3612EB Datasheet HTML 6Page - Richtek Technology Corporation RT3612EB Datasheet HTML 7Page - Richtek Technology Corporation RT3612EB Datasheet HTML 8Page - Richtek Technology Corporation RT3612EB Datasheet HTML 9Page - Richtek Technology Corporation RT3612EB Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
RT3612EB
6
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
UVLO
Detects the VCC voltage. As VCC overs threshold,
controller issues POR = high and waits VRON. After both
POR and VRON are ready, then controller is enabled.
Loop Control/Protection Logic
It controls power-on/off sequence, protections, power state
transition, and PWM sequence.
DAC
Generates a reference VID voltage according to the VID
code sent by Control Logic. According to setVID
command, Control Logic dynamically changes VID voltage
to the target with required slew rate.
ERROR AMP
Inverts and amplifies the difference between output voltage
and VID with externally set finite DC gain. The output signal
is COMP for PWM trigger.
PER CSGM
Senses per-phase inductor current. The outputs are used
for loop response, current balance, zero current detection,
current reporting and over-current protection.
SUM CSGM
Senses total inductor current with RIMON gain adjustment.
SUM CSGM output current ratio can also be set by PIN-
SETTING (Ai[1:0]). It helps wider application range of DCR
and load line. SUM CSGM output is used for PWM trigger.
RAMP
RAMP helps loop stability and transient response.
PWM CMP
The PWM comparator compares COMP signal and sum
current signal based on RAMP to trigger PWM.
Offset Cancellation
Cancel the current signal/comp voltage ripple issue to
control output voltage accuracy.
Current Balance
Per-phase current sense signal is compared with sensed
average current. The comparison result adjusts each phase
PWM width to optimize current and thermal balance.
Zero Current Detection
Detects whether each phase current crosses zero current.
The result is used for DEM power saving and overshoot
reduction (Anti-overshoot function).
AQR/ANTIOVS
AQR is a new generation of quick response mechanism
(Adaptive Quick Response, AQR) which detects loading
rising edge and allows all PWM to turn on. PWM pulse
width triggered by AQR is adaptive to loading level. AQR
trigger level can be set by PIN-SETTING. ANTIOVS can
help overshoot reduction which detects loading falling edge
and forces all PWM in tri-state until the zero current is
detected.
TONGEN/Driver Interface
PWM comparator output signal triggers TONGEN to
generate PWM pulse. The PWM sequence is controlled
by loop control. PWM pulse width is determined by
frequency setting, current balance output and adaptive
quick response (AQR) settings. Once AQR is triggered,
VR allows all PWM to turn on at the same time. Driver
Interface provides high/low/tri-state to drive external driver.
In power saving mode, driver interface force PWM in tri-
state to turn off high side and low side power MOSFET
according to zero current detection output. In addition,
PWM state is controlled by protection logic. Different
protections force required PWM state.
OVP/UVP/OCP
Over-voltage protection/Under-voltage protection/Over-
current protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com