Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 25Page - Richtek Technology Corporation RT3612EB Datasheet HTML 26Page - Richtek Technology Corporation RT3612EB Datasheet HTML 27Page - Richtek Technology Corporation RT3612EB Datasheet HTML 28Page - Richtek Technology Corporation RT3612EB Datasheet HTML 29Page - Richtek Technology Corporation RT3612EB Datasheet HTML 30Page - Richtek Technology Corporation RT3612EB Datasheet HTML 31Page - Richtek Technology Corporation RT3612EB Datasheet HTML 32Page - Richtek Technology Corporation RT3612EB Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
RT3612EB
29
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Compensator Design
The compensator of the RT3612EB doesn't need a
complex type II or type III compensator to optimize control
loop performance. It can adopt a simple type I
compensator (one pole, one zero) in the G-NAVPTM
topology to fine tune ACLL performance. The one pole
and one zero compensator is shown in Figure 13. For
IMVP9 ACLL specification, it is recommended to adjust
compensator according to load transient ring back level.
Default compensator values are referred to design tool.
Figure 13. Type I Compensator
C2
C1
+
-
EA
VID
REA1
REA2
COMP
FB
VSEN
Differential Remote Sense Setting
The VR provides differential remote-sense inputs to
eliminate the effects of voltage drops along the PC board
traces, CPU internal power routes and socket contacts.
The CPU contains on-die sense pins, VCC_SENSE and
VSS_SENSE. The related connection is shown in Figure 14.
The VID voltage (DAC) is referred to RGND to provide
accurate voltage at remote CPU side. While CPU is not
mounted on the system, two resistors of typical 100
Ω
are required to provide output voltage feedback.
Figure 14. Remote Sensing Circuit
CPU VCC_SENSE
-
+
FB
RGND
EA
VID
100
CPU VSS_SENSE
COUT
C1
REA1
CPU
100
VSEN
Switching Frequency Setting
The RT3612EB topology G-NAVPTM (Green Native AVP)
is one kind of current-mode constant on-time control. It
generates an adaptive TON (PWM) with input voltage (VIN)
for better line regulation. The TON is also adaptive to VID
voltage. For VID < 1.8V, the adaptive TON is based on
constant current ripple concept for better output voltage
ripple size control. For VID
≥ 1.8V, the adaptive TON is
based on constant frequency concept for better efficiency
performance. Figure 15 is the conceptual chart showing
the relationships between switching frequency vs. VID and
current ripple vs. VID. The RT3612EB provides a parameter
setting of kTON to design TON width. kTON is set by PIN-
SETTING of TONSET[3:0]. The related setting table is
listed in Table 9.
The equations of TON are listed as below (kTON should be
reffered to Table 9) :



ON(UG)
TON
IN
ON(UG)
TON
IN
ON(UG)
TON
IN
VID 1.8V
VID
T
2.206
- 5ns
k
V
1.8V
0.3V VDAC < 1.8V
1
T
3.971
- 5ns
k
V
VDAC
VDAC < 0.3V
1
T
3.971
- 5ns
kV
0.3









Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com