Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 40 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 40 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 36Page - Richtek Technology Corporation RT3612EB Datasheet HTML 37Page - Richtek Technology Corporation RT3612EB Datasheet HTML 38Page - Richtek Technology Corporation RT3612EB Datasheet HTML 39Page - Richtek Technology Corporation RT3612EB Datasheet HTML 40Page - Richtek Technology Corporation RT3612EB Datasheet HTML 41Page - Richtek Technology Corporation RT3612EB Datasheet HTML 42Page - Richtek Technology Corporation RT3612EB Datasheet HTML 43Page - Richtek Technology Corporation RT3612EB Datasheet HTML 44Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
RT3612EB
40
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Acoustic Noise Suppression
The RT3612EB support acoustic noise suppression
function for reducing acoustic noise induced by
Piezoelectric Effect from MLCC. As output voltage
transition, especially in Dynamic VID, the vibrating MLCC
produces acoustic noise if the vibrating frequency falling
into audible band and the noise level is related to the output
voltage transition amplitude
ΔV. Therefore, the RT3612EB
adapts acoustic noise suppression function which is
enabled by PIN-SETTING of ANS_EN = 1.
Over Current Protection (OCP)
The RT3612EB has two OCP mechanisms, sum OCP
and per phase OCP.
Sum OCP
The threshold of sum OCP for PS0 is defined as
_,
,
1
SUM OC PS0
CSx
SOCP
ICCMAX
IMON EQ
I
R
KVIMON
DCR R

PS1/2/3 sum OCP is defined as
_,
,
1
SUM OC PS1
CSx
SOCP
ICCMAX
IMON EQ
I
R
0.5 K
VIMON
DCR R

While RIMON,EQ is designed exactly for
ICCMAX
IMON,EQ
CSx
ICCMAX
DCR
VIMON
= ICCMAX
R
R
VIMON
=1.6V

And KSOCP = 1.3 and 1.6. It is set by Pin Setting Function
of SET3.
Sum OCP threshold can be simplified as ISUM_OC,PS0 =
KSOCP x ICCMAX and ISUM_OC,PS1 = 0.5 x KSOCP x ICCMAX
when ICCMAX >= 45A. and ISUM_OC,PS0 = ISUM_OC,PS1 =
KSOCP x ICCMAX when ICCMAX < 45A . While inductor
current above sum OCP threshold lasts 40
μs, controller
de-asserts VR_READY and latches PWM in tri-state to
turn off high-side and low-side power MOSFETs.
Per Phase OCP
Per phase OCP is mainly for short circuit protection. Per
phase OCP threshold is directly linked with ICCMAX. The
relations between per phase OCP threshold, I _Max
register setting and total phase numbers N are listed in
Table 17. While inductor current exceeds per phase OCP
threshold, PWMs high pulse are blanked untill the inductor
current is pulled below per phase OCP threshold. If the
POCP indicator keeps high for 40
μs ( with 10μs deglitch
), the controller de-asserts VR_READY and latches PWM
in tri-state to turns off both the high-side and low-side
MOSFETs. OCP_SUM is masked during DVID period and
80
μs after VID settles. All of the OCP protections are
illustrated in Figure 27 and Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com