Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3612EB Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 5Page - Richtek Technology Corporation RT3612EB Datasheet HTML 6Page - Richtek Technology Corporation RT3612EB Datasheet HTML 7Page - Richtek Technology Corporation RT3612EB Datasheet HTML 8Page - Richtek Technology Corporation RT3612EB Datasheet HTML 9Page - Richtek Technology Corporation RT3612EB Datasheet HTML 10Page - Richtek Technology Corporation RT3612EB Datasheet HTML 11Page - Richtek Technology Corporation RT3612EB Datasheet HTML 12Page - Richtek Technology Corporation RT3612EB Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
RT3612EB
9
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Under-Voltage Protection
Threshold
VUV
Respect to VID voltage
760
660
550
mV
VRON and VR_READY
VRON Threshold
Logic-High
VIH
0.7
--
--
V
Logic-Low
VIL
--
--
0.3
Leakage Current of VRON
1
--
1
A
VR_READY Pull Low Voltage
VVR_READY
IVR_READY = 10mA
--
--
0.13
V
Serial VID and VR_HOT#
VCLK, VDIO
Input Voltage
Logic-High
VIH
Respect to INTEL spec. with
50mV hysteresis
0.65
--
--
V
Logic-Low
VIL
--
--
0.45
Leakage Current of VCLK and
VDIO
ILEAK_IN
1
--
1
A
Pull Low Voltage
VVDIO
IVDIO = 10mA
--
--
0.13
V
VALERT#
IALERT# = 10mA
VVR_HOT#
IVR_HOT# = 10mA
Leakage Current of ALERT#,
VR_HOT#
ILEAK_OUT
1
--
1
A
VREF
VREF06 Voltage
VVREF06
Normal operation
0.59
0.6
0.61
V
ADC
Digital IMON Set
dVIMONICCMAX VIMON
VVREF06 = 1.6V
--
255
--
Decimal
PSYS Maximum Input Voltage PSYS
VPSYS = 1.6V
--
255
--
Decimal
Average Period of IMON
tIMON
--
200
--
s
ADC
VR_Hot# Assert Threshold
VTSEN
Falling
--
1.092 1.118
V
VR_Hot# De-Assert Threshold
Rising
1.106 1.132
1.16
Thermal ALERT# Assert
Threshold
Falling, thermal alert status1
register bit 1 assert
1.106 1.132
1.16
Thermal ALERT# Assert
Threshold
Fallng, thermal alert status1
register bit 1 de-assert
1.148 1.176 1.207
Average Period of TSEN
tTSEN
--
800
--
s
ITSEN
TSEN Source Current
ITSEN
VTSEN = 1.6V, TA = 25°C
79.2
80
80.8
A
Internal BOOT Switch
Internal Boot Switch On
Resistance
RBOOT
VCC to BOOT, 10mA
--
--
80




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com