Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet (PDF) - Analog Devices

ADUM1253 Datasheet PDF - Analog Devices
Part # ADUM1253_V01
Download  ADUM1253 Download
File Size   863.17 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL

ADUM1253 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1253 Datasheet PDF - Analog Devices

Part # ADUM1253_V01
Download  ADUM1253 Click to download

File Size   863.17 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL

ADUM1253 Datasheet (HTML) - Analog Devices


ADUM1253 Product details

Features
• Low VOL(MAX) for Greater I2C Device Compatibility
• Side 1: 0.69V
• Side 2: 0.4V
• Ultra-Low-Power Consumption for Longer Battery
Life
• 142μA (typ) per Channel at 400kHz
• Wide Independent VDD1/VDD2 Supply Range
Supports More Logic Voltage Levels and Allows
Level Shifting
• 1.71V to 5.5V for Both Sides
• Hot-Swappable Side 2 I/O Prevents Data Corruption
• Initial Side 2 Connection Occurs at Bus Idle or
Stop States
• Bidirectional I2C Transfer up to 2MHz SCL
• Strong Current Sinking Enables Lower RPULL-UP
Values for Faster Bus Speeds
• Side 1: 5mA
• Side 2: 50mA
• Robust Galvanic Isolation of Digital Signals
• Continuously Withstands (VIOWM)
- 8-MSOP: 300 VRMS
- 8-Narrow SOIC: 445VRMS
- 8-Wide SOIC: 848 VRMS
• Withstands ±10kV Surge per IEC 61000-4-5
• 3 Package with Creepage and Clearance
- 8-MSOP: 3mm
- 8-Narrow SOIC: 4mm
- 8-Wide SOIC: 8mm
• Safety and Regulatory Approvals (Pending)
• IEC 60747-17 (Pending)
- Reinforced VIORM Narrow SOIC: 630VPEAK
- Reinforced VIORM Wide SOIC: 1200VPEAK
• UL 1577 (Pending)
- 8-Narrow SOIC: 3000 VRMS for 1min
- 8-Wide SOIC: 5000 VRMS for 1min
• IEC/EN/CSA 62368-1 (Pending)
• IEC/EN/CSA 61010-1 (Pending)
• CAN/CSA-C22.2 No. 14–18 (Pending)

Applications
• Isolated I2C/SMBus Interface
• Battery Management Systems
• Power Over Ethernet (PoE)
• Motor Control Systems




Similar Part No. - ADUM1253_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1253ASA+ AD-ADUM1253ASA+ Datasheet
1Mb / 18P
Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
19-101761; Rev 0; 10/23
ADUM1253ASA+T AD-ADUM1253ASA+T Datasheet
1Mb / 18P
Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
19-101761; Rev 0; 10/23
More results


Similar Description - ADUM1253_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
LOW CURRENT HOT SWAP POWER MANAGER
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
September 30, 2010
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Texas Instruments
UCC39161 TI1-UCC39161_10 Datasheet
150Kb / 6P
LOW CURRENT HOT SWAP POWER MANAGER
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Analog Devices
ADUM1252 AD-ADUM1252 Datasheet
1Mb / 18P
Ultra-Low Power, Bidirectional I2C Isolator with Extended VDD, Idle-Bus Hot-Swap and Low VOL
19-101760; Rev 0; 10/23
ADUM1253 AD-ADUM1253 Datasheet
1Mb / 18P
Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
19-101761; Rev 0; 10/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com