Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 4Page - Analog Devices ADUM1253_V01 Datasheet HTML 5Page - Analog Devices ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices ADUM1253_V01 Datasheet HTML 10Page - Analog Devices ADUM1253_V01 Datasheet HTML 11Page - Analog Devices ADUM1253_V01 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 8
(VDD1 - VGND1 = 1.71V to 5.5V, VDD2 - VGND2 = 1.71V to 5.5V, CL = 20pF, TA = -40°C to +125°C, unless otherwise noted. (Note 5)
Typical values are at VDD1 - VGND1 = 3.3V, VDD2 - VGND2 = 3.3V, TA = +25°C, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Loss to
Output High-Z
tHi-Z
Opposite VDD_ falling below VUVLO_
0.4
ms
HOT SWAP/BUS STUCK TIMER, SIDE 2
Precharge Voltage
VPRECHG
SDA2/SCL2 open,
VDD2 > 0.6V
At power-up
0.3 x
VDD2
V
Precharge Thevenin
Equivalent Impedance
RPRECHG
SDA2/SCL2 open,
VDD2 > 0.6V
At power-up
140
kΩ
Precharge Glitch Filter
on SDA2/SCL2
tPRE_GLITCH
VDD2 rising above
VUVLO_
At power-up
220
ns
Hot-Swap Detection
Enable Time
tHS_EN
At power-up
102
ms
SDA2/SCL2 Idle
Detection Time
tIDLE
After tHS_EN
At power-up
75
μs
Bus Stuck Timeout
tSTUCK
Either SDA1 or SCL1 low
102
ms
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: All currents into the device are positive. All currents out of the device are negative. All voltages are referenced to their
respective ground (GND1 or GND2), unless otherwise noted.
Note 3: The supply current does not include any current entering the SDA_/SCL_ pins. Current is after successful hot-swap
connection. R1 = R2 = 1kΩ, CL1 = CL2 = 10pF.
Note 4: This is the minimum difference between the output logic-low level and the input logic threshold. This ensures that there is
no possibility of the part latching up the bus to which it is connected.
Note 5: Not production tested. Guaranteed by design.
Note 6: CMTI is the maximum sustainable common-mode voltage slew rate while maintaining operation. CMTI applies to both
rising and falling common-mode voltage edges. Tested with the transient generator connected between GND1 and GND2
(VCM = 1000V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com