Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 15 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 11Page - Analog Devices ADUM1253_V01 Datasheet HTML 12Page - Analog Devices ADUM1253_V01 Datasheet HTML 13Page - Analog Devices ADUM1253_V01 Datasheet HTML 14Page - Analog Devices ADUM1253_V01 Datasheet HTML 15Page - Analog Devices ADUM1253_V01 Datasheet HTML 16Page - Analog Devices ADUM1253_V01 Datasheet HTML 17Page - Analog Devices ADUM1253_V01 Datasheet HTML 18Page - Analog Devices ADUM1253_V01 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 15
VDE
IEC 60747-17 (Note 4):
Reinforced insulation, maximum transient isolation voltage 7070VPK, maximum
repetitive peak isolation voltage 1200VPK.
(Pending)
CQC
GB 4943.1-2022:
Basic insulation at 800VRMS (1131VPEAK) maximum working voltage, tropical
climate, altitude < 5000m
(Pending)
TUV Sud
IEC 62368-1:2018 Ed. 3 and EN62368-1:2020+A11:2020:
Basic insulation at 800VRMS
(Pending)
Note 1:
In accordance with UL 1577, each ADuM1253A A+ is pr f teste by applying an insulati n test v ltage ≥ 6000VRMS
for 1 second (current leakage detection limit = 5µA).
Note 2:
Working voltages are quoted for material group III case material in pollution degree 2. ADuM1253AWA+ case material
has been evaluated by CSA as material group I.
Note 3:
The creepage and clearance distances have been evaluated for altitudes < 2000m, material group III, in pollution degree
2 and overvoltage category II, except where specified above.
Note 4:
In accordance with IEC 60747-17, each ADuM1253 is proof tested by applying an insulation test v ltage ≥ 2250V peak
f r 1s (partial ischarge etecti n limit = 5 pC). This c upler is suitable f r “safe electrical insulati n” nly ithin the
safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com