Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices ADUM1253_V01 Datasheet HTML 10Page - Analog Devices ADUM1253_V01 Datasheet HTML 11Page - Analog Devices ADUM1253_V01 Datasheet HTML 12Page - Analog Devices ADUM1253_V01 Datasheet HTML 13Page - Analog Devices ADUM1253_V01 Datasheet HTML 14Page - Analog Devices ADUM1253_V01 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 11
Isolation Characteristics
8-Lead MSOP (21-0036) Isolation Characteristics
PARAMETER
SYMBOL
CONDITIONS
VALUE UNITS
VOLTAGE (Note 2)
Maximum Working Isolation
Voltage
VIOWM
Continuous RMS voltage (Note 1)
300
VRMS
Maximum Withstanding Isolation
Voltage
VISO
fTEST = 60Hz, duration = 60s (Note 1, Note 2)
2500
VRMS
PACKAGE CHARACTERISTICS
External Clearance
CLR
Measured from input terminals to output terminals,
shortest distance through air
3
mm
External Creepage
CPG
Measured from input terminals to output terminals,
shortest distance along body
3
mm
Internal Clearance
DTI
Distance through insulation
21
µm
Comparative Tracking Index
CTI
> 400
V
Material Group
Material group (IEC 60112)
II
—
Resistance (Input to Output)
RIO
VIO = 500V, TA = +25°C (Note 3)
1012
Ω
VIO = 500V, +100°C ≤ TA ≤ +125°C (Note 3)
1011
Ω
Capacitance (Input to Output)
CIO
fTEST = 1MHz (Note 3)
1.5
pF
Note 1: VISO and VIOWM are defined by the IEC 60747-17 standard.
Note 2: Insulation voltage guaranteed by design, not tested in production. Insulation is similar in structure to devices that
are tested to 5 kV rms in production.
Note 3: Device is measured as a 2-terminal device with Pin 1 through Pin 4 connected and Pin 5 through Pin 8 connected.
8-Lead Narrow SOIC (21-0041) Isolation Characteristics
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNITS
CLASSIFICATIONS
Overvoltage Category per
IEC60664-1
r rate mains v ltage ≤ 150VRMS
I to IV
—
r rate mains v ltage ≤ 300VRMS
I to III
—
Climatic Classification
40/125/21
—
Pollution Degree
Per DIN VDE V 0110 (refer to Table 1 of the DIN VDE
standard)
2
—
VOLTAGE
Maximum Working Isolation
Voltage
VIOWM
Continuous RMS voltage (Note 1)
445
VRMS
Maximum Repetitive Isolation
Voltage
VIORM
(Note 1)
630
VPEAK
Maximum Transient Isolation
Voltage
VIOTM
t = 1s (Note 1)
4242
VPEAK
Maximum Withstanding Isolation
Voltage
VISO
fTEST = 60Hz, duration = 60s (Note 1, Note 2)
3000
VRMS
Maximum Surge Isolation Voltage,
Reinforced
VIOSM
Test method per IEC 60065, VTEST =
1.6 x VIOSM = 10000VPEAK (Note 1, Note 4)
6250
VPEAK
Maximum Impulse Voltage
VIMP
Tested in air, 1.2µs/50µs waveform per IEC 62368-1
6000
VPEAK
Input to Output Test Voltage
VPR
1182
VPEAK
Apparent Charge
qpd
Method B1, VPR =1.875 x VIORM, t = 1s
5
pC
PACKAGE CHARACTERISTICS
External Clearance
CLR
Measured from input terminals to output terminals,
shortest distance through air
4
mm
External Creepage
CPG
Measured from input terminals to output terminals,
shortest distance along body
4
mm
Internal Clearance
DTI
Distance through insulation
21
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com