Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices ADUM1253_V01 Datasheet HTML 10Page - Analog Devices ADUM1253_V01 Datasheet HTML 11Page - Analog Devices ADUM1253_V01 Datasheet HTML 12Page - Analog Devices ADUM1253_V01 Datasheet HTML 13Page - Analog Devices ADUM1253_V01 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 10
Figure 3. Thermal Derating Curve for 8-Lead Narrow SOIC
Package
Figure 4. Thermal Derating Curve for Safety Current Limiting for
8-Lead Narrow SOIC Package
Figure 5 and Figure 6 show the thermal derating curves for safety limiting the power and the current of the device in the
8-lead Wide SOIC (21-100415) package when mounted on the JEDEC 2S2P test card. Ensure that the junction
temperature does not exceed 150°C.
Figure 5. Thermal Derating Curve for 8-Lead Wide SOIC
Package
Figure 6. Thermal Derating Curve for Safety Current Limiting for
8-Lead Wide SOIC Package
0
50
100
150
200
250
300
350
400
0
25
50
75
100 125 150 175 200
A
T T
RAT R ( C)
V
1 = 1.8V
y2 ata
y3 ata
y4 ata
T
R A
RAT
C RV
R A
T C RR
T
T
s n
C
V
= 1.89V
V
= 2.75V
V
= 3.6V
V
= 5.5V
0
100
200
300
400
500
600
700
800
0
25
50
75 100 125 150 175 200
A
T T
RAT R ( C)
T
R A
RAT
C RV
R A
T
R
T
C
0
50
100
150
200
250
300
350
400
0
25
50
75 100 125 150 175 200
A
T T
RAT R ( C)
V
1 = 1.8V
y2 ata
y3 ata
y4 ata
T
R A
RAT
C RV
R A
T C RR
T
T
s
C
V
= 1.89V
V
= 2.75V
V
= 3.6V
V
= 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com