Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 19 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 15Page - Analog Devices ADUM1253_V01 Datasheet HTML 16Page - Analog Devices ADUM1253_V01 Datasheet HTML 17Page - Analog Devices ADUM1253_V01 Datasheet HTML 18Page - Analog Devices ADUM1253_V01 Datasheet HTML 19Page - Analog Devices ADUM1253_V01 Datasheet HTML 20Page - Analog Devices ADUM1253_V01 Datasheet HTML 21Page - Analog Devices ADUM1253_V01 Datasheet HTML 22Page - Analog Devices ADUM1253_V01 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 19
Functional Diagram
VDD1
SDA1
SCL1
GND1
VDD2
SDA2
SCL2
GND2
DECODE
ENCODE
ENCODE
DECODE
DECODE
ENCODE
1
2
3
4
8
7
6
5
Detailed Description
The ADuM1253 is a two-channel I2C isolator utilizing Analog Devices, Inc. proprietary process technology. The device
transfers digital signals between circuits with different power domains at ambient temperatures up to +125°C.
The device offers two open-drain channels, one bidirectional for data and one unidirectional for clock and is suitable for
I2C applications where only a single clock direction across the isolation barrier is required. Example applications include
I2C bus topologies where all I2C controllers are located on one side of the isolation barrier and/or where clock stretching
is not used by devices on the non-controller side of the isolation barrier.
The device features independent 1.71V to 5.5V supplies on each side of the isolator. The device operates with SCL
frequencies up to 2MHz. The wide temperature range and high isolation voltage make the device ideal for use in harsh
industrial environments.
Digital Isolation
The ADuM1253 provides reinforced galvanic isolation for digital signals that are transmitted between two ground domains.
In the 8-pin MSOP package (21-0036), the ADuM1253 withstands voltage differences of up to 2.5kVRMS for up to 60
seconds and up to 424VPEAK of continuous isolation.
In the 8-pin narrow SOIC package (21-0041), the ADuM1253 withstands voltage differences of up to 3kVRMS for up to
60 seconds and up to 630VPEAK of continuous isolation.
In the 8-pin wide SOIC package (21-100415), the ADuM1253 withstands voltage differences of up to 5kVRMS for up to
60 seconds and up to 1200VPEAK of continuous isolation.
Bidirectional Channels
The ADuM1253 device features one bidirectional channel which has open-drain outputs.
The bidirectional channels do not require a direction control input. A logic-low on one side causes the corresponding pin
on the other side to be pulled low while avoiding data latching within the device due to the coordination of the side 1 output
logic-low voltage (VOL1) and input logic-low threshold (VIL1). The side 1 outputs utilize special buffers that regulate VOL1
to approximately 0.64V while keeping VIL1 at least 50mV lower than VOL1. This difference prevents an output logic-low
on side 1 from being accepted as an input low and subsequently transmitted to side 2, thus, preventing a latching action.
SDA2 and SCL2 are conventional outputs that do not regulate the logic-low output voltage.
Due to their special nature, the side 1 SDA/SCL pins of different ADuM1253 devices cannot be connected together. This
restriction also includes pins on other devices which employ similar buffers or rise-time accelerators. The side 2 pins do
not have this restriction. Therefore, the side 2 pins of the ADuM1253 can be connected to each other or to any other
bi irecti nal buffer r level translat r’s pin, inclu ing the si e 1 pins f the ADuM1253.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com