Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 20 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 16Page - Analog Devices ADUM1253_V01 Datasheet HTML 17Page - Analog Devices ADUM1253_V01 Datasheet HTML 18Page - Analog Devices ADUM1253_V01 Datasheet HTML 19Page - Analog Devices ADUM1253_V01 Datasheet HTML 20Page - Analog Devices ADUM1253_V01 Datasheet HTML 21Page - Analog Devices ADUM1253_V01 Datasheet HTML 22Page - Analog Devices ADUM1253_V01 Datasheet HTML 23Page - Analog Devices ADUM1253_V01 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 20
The ADuM1253’s utputs are all pen-drain and require pull-up resistors to their respective supplies to generate the logic-
high output voltage. The output low voltages are guaranteed for sink currents of up to 50mA for side 2 and 5mA for side
1 (see the Electrical Characteristics table).
Startup and Undervoltage Lockout
The VDD1 and VDD2 supplies are both internally monitored for undervoltage conditions. Undervoltage events can occur
during power-up, power-down, or during normal operation due to a sagging supply voltage. When an undervoltage
condition is detected on either supply, all outputs go to their default states regardless of the state of the inputs as seen in
Table 1.
Table 1. Output Behavior During Undervoltage Condition
VDD1
VDD2
INPUT
VOUT1
VOUT2
Powered
Powered
High
High-Z
High-Z
Powered
Powered
Low
Low
Low
Undervoltage
Powered
n’t care
High-Z
High-Z
Powered
Undervoltage
n’t care
High-Z
High-Z
Level Shifting
The wide supply voltage range of both VDD1 and VDD2 allows the ADuM1253 to be used for level translation in addition
to isolation. VDD1 and VDD2 can be independently set to any voltage from 1.71V to 5.5V. The supply voltage sets the
logic level on the corresponding side of the isolator.
Hot Swap
The ADuM1253 includes special precharge circuitry on SDA2/SCL2 to prevent loading on the I2C bus lines while the
supply is either unpowered or in the process of being powered on. When the supply is below the UVLO threshold, the
ADuM1253 bus lines do not load the bus to avoid disrupting or corrupting an active I2C bus. If the isolator is plugged into
a live backplane using a staggered connector, where the supply and ground make connection first followed by the bus
lines, the SDA2 and SCL2 lines are precharged to VDD2/3 to minimize the current required to charge the parasitic
capacitance of the device. Once the device is fully powered on, the device I/O pins become active. However, the
connection between side 1 and side 2 does not occur until after the side 2 bus either detects an I2C stop condition or the
bus has been idle for 125µs. See Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com