Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 3 Page - Analog Devices

  ADUM1253_V01 Datasheet HTML 1Page - Analog Devices ADUM1253_V01 Datasheet HTML 2Page - Analog Devices ADUM1253_V01 Datasheet HTML 3Page - Analog Devices ADUM1253_V01 Datasheet HTML 4Page - Analog Devices ADUM1253_V01 Datasheet HTML 5Page - Analog Devices ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 3
8 Wide SOIC
Outline Number
21-100415
Land Pattern Number
90-100146
Junction-to-Ambient Thermal Resistance (θJA)
170°C/W
Junction-to-Case Top Thermal Resistance (θJC(TOP))
64°C/W
Junction-to-Board Thermal Resistance (θJB)
60.9°C/W
Junction-to-Case Top Thermal Characterization Parameter (ψJT)
12°C/W
Junction-to-Board Thermal Characterization Parameter (ψJB)
62°C/W
Moisture Sensitivity Level
3
For the latest package outline information and land patterns (footprints), go to www.analog.com/en/design-
center/packaging-quality-symbols-footprints/package-index.html. Note that a “+”, “#”, or “-” in the package code
indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the
package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.analog.com/en/technical-
articles/thermal-characterization-of-ic-packages.
Electrical Characteristics
(VDD1 - VGND1 = +1.71V to +5.5V, VDD2 - VGND2 = +1.71V to +5.5V, CL = 20pF, TA = -40°C to +125°C, unless otherwise noted (Note
1, Note 2). Typical values are at VDD1 - VGND1 = 3.3V, VDD2 - VGND2 = 3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VDD1
Relative to GND1
1.71
5.5
V
VDD2
Relative to GND2
1.71
5.5
Undervoltage-Lockout
Threshold Side_
VUVLO_
VDD_ rising
1.48
1.6
1.65
V
Undervoltage-Lockout
Threshold Hysteresis
VUVLO_HYST
(Note 5)
30
mV
SUPPLY CURRENT (Note 2, Note 3)
Supply Current–Side 1
IDD1
VDD1 = VDD2 =
1.8V - 5V
SDA1/SCL1 =
VDD1
20
34
μA
SDA1/SCL1 =
400kHz square
wave
200
250
SDA1/SCL1 =
1MHz square wave
270
340
Supply Current—Side 2
IDD2
VDD1 = VDD2 =
1.8V - 5V
SDA2/SCL2 =
VDD2
21
35
μA
SDA2/SCL2 =
GND2
49
70
SDA2/SCL2 =
400kHz square
wave
84
110
SDA2/SCL2 =
1MHz square wave
146
180
LOGIC INPUTS AND OUTPUTS
Input High Voltage,
SDA1/SCL1
VIH1
Relative to GND1
0.52
0.56
0.62
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com