Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 3Page - Analog Devices ADUM1253_V01 Datasheet HTML 4Page - Analog Devices ADUM1253_V01 Datasheet HTML 5Page - Analog Devices ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices ADUM1253_V01 Datasheet HTML 10Page - Analog Devices ADUM1253_V01 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 7
(VDD1 - VGND1 = 1.71V to 5.5V, VDD2 - VGND2 = 1.71V to 5.5V, CL = 20pF, TA = -40°C to +125°C, unless otherwise noted. (Note 5)
Typical values are at VDD1 - VGND1 = 3.3V, VDD2 - VGND2 = 3.3V, TA = +25°C, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
R1 = 470Ω, CL2 =
20pF, R2 = 81Ω
tPHL21
SDA2 = 0.3 x VDD2
to SDA1 = 0.3 x
VDD1
4.5V ≤ VDD_ ≤
5.5V, CL1 = 20pF,
R1 = 1.6kΩ, CL2 =
20pF, R2 = 180Ω
82.6
128.4
3.0V ≤ VDD_ ≤
3.6V, CL1 = 20pF,
R1 = 1kΩ, CL2 =
20pF, R2 = 120Ω
69.9
101.0
2.25V ≤ VDD_ ≤
2.75V, CL1 = 20pF,
R1 = 810Ω, CL2 =
20pF, R2 = 91Ω
65.1
88.9
SDA2 = 0.3 x VDD2
to SDA1 = 0.75V
1.71V ≤ VDD_ ≤
1.89V, CL1 = 20pF,
R1 = 470Ω, CL2 =
20pF, R2 = 81Ω
59.3
79.7
Pulse-Width Distortion
PWD12
|tPLH12 - tPHL12|
4.5V ≤ VDD_ ≤ 5.5V
56.1
94.2
ns
3.0V ≤ VDD_ ≤ 3.6V
48.3
79.0
2.25V ≤ VDD_ ≤
2.75V
43.6
70.6
1.71V ≤ VDD_ ≤
1.89V
39.1
59.8
PWD21
|tPLH21 - tPHL21|
4.5V ≤ VDD_ ≤ 5.5V
5.9
50.7
3.0V ≤ VDD_ ≤ 3.6V
12.6
43.1
2.25V ≤ VDD_ ≤
2.75V
14.1
37.6
1.71V ≤ VDD_ ≤
1.89V
18.0
35.1
Round-Trip Propagation
Delay on Side 1
tLOOP1
SDA1/SCL1 =
0.425V to
SDA1/SCL1 = 0.3 x
VDD1
4.5V ≤ VDD_ ≤
5.5V, CL1 = 40pF,
R1 = 1.6kΩ, CL2 =
400pF, R2 = 180Ω
142.2
163.2
ns
3.0V ≤ VDD_ ≤
3.6V, CL1 = 40pF,
R1 = 1kΩ, CL2 =
400pF, R2 = 120Ω
114.1
133.5
2.25V ≤ VDD_ ≤
2.75V, CL1 = 40pF,
R1 = 810Ω, CL2 =
400pF, R2 = 91Ω
101.3
122.8
SDA1/SCL1 =
0.425V to
SDA1/SCL1 =
0.75V
1.71V ≤ VDD_ ≤
1.89V, CL1 = 40pF,
R1 = 470Ω, CL2 =
400pF, R2 = 81Ω
100.5
128.4
Side 1 Time from UVLO
to Active State
tACT
VDD1 rising, VDD2 powered up for more
than tHS_EN and SDA_/SCL_ high
1.1
1.7
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com