Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 5 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 5 Page - Analog Devices

  ADUM1253_V01 Datasheet HTML 1Page - Analog Devices ADUM1253_V01 Datasheet HTML 2Page - Analog Devices ADUM1253_V01 Datasheet HTML 3Page - Analog Devices ADUM1253_V01 Datasheet HTML 4Page - Analog Devices ADUM1253_V01 Datasheet HTML 5Page - Analog Devices ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 5
Dynamic Characteristics
(VDD1 - VGND1 = 1.71V to 5.5V, VDD2 - VGND2 = 1.71V to 5.5V, CL = 20pF, TA = -40°C to +125°C, unless otherwise noted. (Note 5)
Typical values are at VDD1 - VGND1 = 3.3V, VDD2 - VGND2 = 3.3V, TA = +25°C, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode
Transient Immunity
CMTI
(Note 6)
200
kV/µs
Maximum Data Rate
DRMAX
2
MHz
Fall Time
tF1
SDA1 = 0.7 x VDD1
to 0.3 x VDD1
4.5V ≤ VDD1 ≤
5.5V, CL1 = 40pF,
R1 = 1.6kΩ
8.8
20.3
36.1
ns
3.0V ≤ VDD1 ≤
3.6V, CL1 = 40pF,
R1 = 1kΩ
6.1
13.7
24.1
2.25V ≤ VDD1 ≤
2.75V, CL1 = 40pF,
R1 = 810Ω
4.6
10.4
18.5
SDA1 = 0.7 x VDD1
to 0.75V
1.71V ≤ VDD1 ≤
1.89V, CL1 = 40pF,
R1 = 470Ω
2.4
4.7
11.5
SDA1 = 0.9 x VDD1
to 0.9V
4.5V ≤ VDD1 ≤
5.5V, CL1 = 40pF,
R1 = 1.6kΩ
15.4
34.7
64.7
3.0V ≤ VDD1 ≤
3.6V, CL1 = 40pF,
R1 = 1kΩ
9.1
19.7
35.9
2.25V ≤ VDD1 ≤
2.75V, CL1 = 40pF,
R1 = 810Ω
6.0
12.2
23.3
1.71V ≤ VDD1 ≤
1.89V, CL1 = 40pF,
R1 = 470Ω
3.8
6.5
11.1
tF2
SDA2/SCL2 = 0.7 x
VDD2 to 0.3 x VDD2
4.5V ≤ VDD2 ≤
5.5V, CL2 = 400pF,
R2 = 180Ω
11.8
18.6
30.0
3.0V ≤ VDD2 ≤
3.6V, CL2 = 400pF,
R2 = 120Ω
9.0
13.8
21.0
2.25V ≤ VDD2 ≤
2.75V, CL2 =
400pF, R2 = 91Ω
7.6
11.6
17.0
1.71V ≤ VDD2 ≤
1.89V, CL2 =
400pF, R2 = 81Ω
6.5
9.5
13.4
SDA2/SCL2 = 0.9 x
VDD2 to 0.4V
4.5V ≤ VDD2 ≤
5.5V, CL2 = 400pF,
R2 = 180Ω
25.7
41.0
63.0
3.0V ≤ VDD2 ≤
3.6V, CL2 = 400pF,
R2 = 120Ω
19.0
29.0
44.4
2.25V ≤ VDD2 ≤
2.75V, CL2 =
400pF, R2 = 91Ω
15.5
24.0
36.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com