Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 5Page - Analog Devices ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices ADUM1253_V01 Datasheet HTML 10Page - Analog Devices ADUM1253_V01 Datasheet HTML 11Page - Analog Devices ADUM1253_V01 Datasheet HTML 12Page - Analog Devices ADUM1253_V01 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 9
Timing Diagrams
VDD1
0.1µF
VDD1
TEST
SOURCE
S__1
GND1
GND2
VDD2
0.1µF
VDD2
S__2
ADuM1253
R1
CL1
CL2
R2
Figure 1. Timing Test Diagram
VDD2
S__2
GND2
50%
50%
tPLH21
tPHL21
VDD1
S__1
GND1
90%
0.9V
tF1
70%
VDD1
S__1
GND1
50%
50%
tPLH12
tPHL12
VDD2
S__2
GND2
70%
0.4V
tF2
90%
10%
Figure 2. Timing Parameter Definition
Safety Limits
Damage to the IC can result in a low-resistance path to ground or to the supply and, without current limiting, the
ADuM1253 can dissipate excessive amounts of power. Excessive power dissipation can damage the die and result in
damage to the isolation barrier, potentially causing downstream issues. The safety limits for the ADuM1253 are listed in
the package specific Isolation Characteristics table.
The maximum safety temperature (TS) for the device is the +150°C maximum junction temperature specified in the
Absolute Maximum Ratings. See the Thermal Considerations section for details on determining the junction temperature.
Figure 3 and Figure 4 show the thermal derating curves for safety limiting the power and the current for the device in the
8-lead Narrow SOIC (21-0041) package when mounted on the JEDEC 2S2P test card. Ensure that the junction
temperature does not exceed +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com