Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 12 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices ADUM1253_V01 Datasheet HTML 10Page - Analog Devices ADUM1253_V01 Datasheet HTML 11Page - Analog Devices ADUM1253_V01 Datasheet HTML 12Page - Analog Devices ADUM1253_V01 Datasheet HTML 13Page - Analog Devices ADUM1253_V01 Datasheet HTML 14Page - Analog Devices ADUM1253_V01 Datasheet HTML 15Page - Analog Devices ADUM1253_V01 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 12
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNITS
Comparative Tracking Index
CTI
> 600
V
Material Group
Material group (IEC 60112)
I
—
Resistance (Input to Output)
RIO
VIO = 500V, TA = +25°C (Note 3)
1012
Ω
VIO = 500V, +100°C ≤ TA ≤ +125°C (Note 3)
1011
Ω
RIO_S
VIO = 500V, TS = +150°C (Note 3)
109
Ω
Capacitance (Input to Output)
CIO
fTEST = 1MHz (Note 3)
1.5
pF
SAFETY LIMITING VALUES
Maximum Ambient Safety
Temperature
TS
150
°C
Maximum Input Power Dissipation
PSI
θJA = 182°C/W, TJ = +150°C, TA = +25°C
687
mW
Maximum Output Current
ISO
θJA = 182°C/W, TJ = +150°C, TA = +25°C, VDD =
5.5V
124
mA
θJA = 182°C/W, TJ = +150°C, TA = +25°C, VDD =
3.6V
190
mA
θJA = 182°C/W, TJ = +150°C, TA = +25°C, VDD =
2.75V
249
mA
θJA = 182°C/W, TJ = +150°C, TA = +25°C, VDD =
1.89V
363
mA
Note 1: VISO, VIOTM, VIOWM, VIORM and VIOSM are defined by the IEC 60747-17 standard.
Note 2: Product is qualified at VISO for 60s and 100% production tested at 120% of VISO for 1s.
Note 3: Device is measured as a 2-terminal device with Pin 1 through Pin 4 connected and Pin 5 through Pin 8 connected.
Note 4: Devices are immersed in oil during surge characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com