Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 1 Page - Analog Devices

  ADUM1253_V01 Datasheet HTML 1Page - Analog Devices ADUM1253_V01 Datasheet HTML 2Page - Analog Devices ADUM1253_V01 Datasheet HTML 3Page - Analog Devices ADUM1253_V01 Datasheet HTML 4Page - Analog Devices ADUM1253_V01 Datasheet HTML 5Page - Analog Devices ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
ADuM1253
19-101761; Rev 1; 5/24
© 2024 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
General Description
The ADuM1253 offers two open-drain channels, one
unidirectional and one bidirectional for applications,
such as I2C, that require data to be transmitted in both
directions on the same line but have a unidirectional
clock. To prevent latch-up action, side 1 outputs
comprise special buffers that regulate the logic-low
voltage at 0.64V, and the input logic-low threshold is at
least 50mV lower than the output logic-low voltage. Side
2 features conventional buffers that do not regulate
logic-low output voltage.
The ADuM1253 features independent 1.71V to 5.5V
supplies on both side 1 and side 2 of the isolator. The
device operates up to 2MHz. The ultra-low standby
current of 21µA per side is ideal for battery-operated
systems.
The ADuM1253 provides a disturbance-free bus
connection for hot-plug connections on side 2 by first
precharging the bus pins and then monitoring the bus
state for either an idle bus or detection of a I2C stop
condition before connecting side 1 and side 2.
The ADuM1253 is available in both an 8-pin narrow- and
wide-body SOIC package, and in an 8-pin MSOP
package. The device is rated for operation at ambient
temperatures of -40°C to +125°C.
Key Applications
• Isolated I2C/SMBus Interface
• Battery Management Systems
• Power Over Ethernet (PoE)
• Motor Control Systems
Simplified Application Diagram
ADuM1253
SDA1
SCL1
SDA2
SCL2
VDD2
VDD1
GND2
GND1
µC
SDA
SCL
SDA
SCL
0.1µF
0.1µF
1.8V
3.3V
1nF
1nF
Benefits and Features
• Low VOL(MAX) for Greater I2C Device Compatibility
• Side 1: 0.69V
• Side 2: 0.4V
• Ultra-Low-Power Consumption for Longer Battery
Life
• 142μA (typ) per Channel at 400kHz
• Wide Independent VDD1/VDD2 Supply Range
Supports More Logic Voltage Levels and Allows
Level Shifting
• 1.71V to 5.5V for Both Sides
• Hot-Swappable Side 2 I/O Prevents Data Corruption
• Initial Side 2 Connection Occurs at Bus Idle or
Stop States
• Bidirectional I2C Transfer up to 2MHz SCL
• Strong Current Sinking Enables Lower RPULL-UP
Values for Faster Bus Speeds
• Side 1: 5mA
• Side 2: 50mA
• Robust Galvanic Isolation of Digital Signals
• Continuously Withstands (VIOWM)
- 8-MSOP: 300 VRMS
- 8-Narrow SOIC: 445VRMS
- 8-Wide SOIC: 848 VRMS
• Withstands ±10kV Surge per IEC 61000-4-5
• 3 Package with Creepage and Clearance
- 8-MSOP: 3mm
- 8-Narrow SOIC: 4mm
- 8-Wide SOIC: 8mm
• Safety and Regulatory Approvals (Pending)
• IEC 60747-17 (Pending)
- Reinforced VIORM Narrow SOIC: 630VPEAK
- Reinforced VIORM Wide SOIC: 1200VPEAK
• UL 1577 (Pending)
- 8-Narrow SOIC: 3000 VRMS for 1min
- 8-Wide SOIC: 5000 VRMS for 1min
• IEC/EN/CSA 62368-1 (Pending)
• IEC/EN/CSA 61010-1 (Pending)
• CAN/CSA-C22.2 No. 14–18 (Pending)
Ordering Information appears at end of data sheet.


Similar Part No. - ADUM1253_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1253ASA+ AD-ADUM1253ASA+ Datasheet
1Mb / 18P
Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
19-101761; Rev 0; 10/23
ADUM1253ASA+T AD-ADUM1253ASA+T Datasheet
1Mb / 18P
Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
19-101761; Rev 0; 10/23
More results

Similar Description - ADUM1253_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
LOW CURRENT HOT SWAP POWER MANAGER
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
September 30, 2010
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Texas Instruments
UCC39161 TI1-UCC39161_10 Datasheet
150Kb / 6P
LOW CURRENT HOT SWAP POWER MANAGER
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Analog Devices
ADUM1252 AD-ADUM1252 Datasheet
1Mb / 18P
Ultra-Low Power, Bidirectional I2C Isolator with Extended VDD, Idle-Bus Hot-Swap and Low VOL
19-101760; Rev 0; 10/23
ADUM1253 AD-ADUM1253 Datasheet
1Mb / 18P
Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
19-101761; Rev 0; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com