Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 4 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 4 Page - Analog Devices

  ADUM1253_V01 Datasheet HTML 1Page - Analog Devices ADUM1253_V01 Datasheet HTML 2Page - Analog Devices ADUM1253_V01 Datasheet HTML 3Page - Analog Devices ADUM1253_V01 Datasheet HTML 4Page - Analog Devices ADUM1253_V01 Datasheet HTML 5Page - Analog Devices ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 4
(VDD1 - VGND1 = +1.71V to +5.5V, VDD2 - VGND2 = +1.71V to +5.5V, CL = 20pF, TA = -40°C to +125°C, unless otherwise noted (Note
1, Note 2). Typical values are at VDD1 - VGND1 = 3.3V, VDD2 - VGND2 = 3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage,
SDA1/SCL1
VIL1
Relative to GND1
0.47
0.51
0.56
V
Input Hysteresis, Side 1
VHYS1
VIH1 - VIL1
(Note 5)
50
mV
Output Low Voltage,
SDA1
VOL1
Relative to GND1
I = 0.1mA - 5mA
sink
0.59
0.64
0.69
V
Low-level Output
Voltage to High-Level
Input Voltage Threshold
Difference, SDA1
ΔVO/IT
SDA1, VOL - VIH
(Note 4)
45
mV
Input High Voltage,
SDA2
VIH2
SDA2 to GND2
0.52 x
VDD2
0.45 x
VDD2
V
Input Low Voltage,
SDA2
VIL2
SDA2 to GND2
0.38 x
VDD2
0.3 x
VDD2
V
Input Hysteresis, Side 2
VHYS2
VIH2 - VIL2
0.07 x
VDD2
V
Output Low Voltage,
Side 2
VOL2
SDA2/SCL2 to
GND2
I = 50mA sink
0.4
V
Static Output Loading
ISDA1
Side 1
0.1
5
mA
ISDA2/SCL2
Side 2
0.1
50
Leakage Current
IL
Device unpowered
SDA1/SCL1 =
5.5V, VDD1 = 0V
-10
+10
µA
SDA2/SCL2 =
5.5V, VDD2 = 0V
-10
+10
Device powered
SDA1 = SCL1 =
VDD1 = 5.5V
-10
+10
Device powered
and not in
precharge
SDA2 = SCL2 =
VDD2 = 5.5V
-10
+10
Input Capacitance
CIN
f = 1MHz
(Note 5)
5
pF
ESD Protection (Note 5)
ESD
Human Body Model
VDD1 to same side
pins, VDD2 to same
side pins
±8
kV
SDA1/SCL1 to
GND1
±17
SDA2/SCL2 to
GND2
±17
IEC 61000-4-2
contact discharge
SDA1/SCL1 to
GND1 unpowered
±8
SDA2/SCL2 to
GND2 unpowered
±8
IEC 61000-4-2
contact discharge
(GND2 to GND1)
8 Wide SOIC
±5
8 Narrow SOIC
±5
8 MSOP
±4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com