Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 2Page - Analog Devices ADUM1253_V01 Datasheet HTML 3Page - Analog Devices ADUM1253_V01 Datasheet HTML 4Page - Analog Devices ADUM1253_V01 Datasheet HTML 5Page - Analog Devices ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices ADUM1253_V01 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 6
(VDD1 - VGND1 = 1.71V to 5.5V, VDD2 - VGND2 = 1.71V to 5.5V, CL = 20pF, TA = -40°C to +125°C, unless otherwise noted. (Note 5)
Typical values are at VDD1 - VGND1 = 3.3V, VDD2 - VGND2 = 3.3V, TA = +25°C, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
1.71V ≤ VDD2 ≤
1.89V, CL2 =
400pF, R2 = 81Ω
12.4
18.0
26.1
Propagation Delay
tPLH12
SDA1/SCL1 =
0.66V to
SDA2/SCL2 = 0.7 x
VDD2
4.5V ≤ VDD_ ≤
5.5V, CL1 = 20pF,
R1 = 1.6kΩ, CL2 =
20pF, R2 = 180Ω
37.6
50.0
ns
3.0V ≤ VDD_ ≤
3.6V, CL1 = 20pF,
R1 = 1kΩ, CL2 =
20pF, R2 = 120Ω
35.9
48.0
2.25V ≤ VDD_ ≤
2.75V, CL1 = 20pF,
R1 = 810Ω, CL2 =
20pF, R2 = 91Ω
35.2
47.0
1.71V ≤ VDD_ ≤
1.89V, CL1 = 20pF,
R1 = 470Ω, CL2 =
20pF, R2 = 81Ω
36.5
51.6
tPHL12
SDA1/SCL1 =
0.425V to
SDA2/SCL2 = 0.3 x
VDD2
4.5V ≤ VDD_ ≤
5.5V, CL1 = 20pF,
R1 = 1.6kΩ, CL2 =
20pF, R2 = 180Ω
93.7
133.3
3.0V ≤ VDD1_ ≤
3.6V, CL1 = 20pF,
R1 = 1kΩ, CL2 =
20pF, R2 = 120Ω
84.2
116.4
2.25V ≤ VDD_ ≤
2.75V, CL1 =10pF,
R1 = 810Ω, CL2 =
20pF, R2 = 91Ω
78.8
107.3
1.71V ≤ VDD_ ≤
1.89V, CL1 = 20pF,
R1 = 470Ω, CL2 =
20pF, R2 = 81Ω
75.6
100.1
tPLH21
SDA2 = 0.5 x VDD2
to SDA1 = 0.7 x
VDD1
4.5V ≤ VDD_ ≤
5.5V, CL1 = 20pF,
R1 = 1.6kΩ, CL2 =
20pF, R2 = 180Ω
86.7
95.8
3.0V ≤ VDD_ ≤
3.6V, CL1 = 20pF,
R1 = 1kΩ, CL2 =
20pF, R2 = 120Ω
67.3
76.3
2.25V ≤ VDD_ ≤
2.75V, CL1 = 20pF,
R1 = 810Ω, CL2 =
20pF, R2 = 91Ω
61.0
70.1
1.71V ≤ VDD_ ≤
1.89V, CL1 = 20pF,
41.3
53.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com