Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 2 Page - Analog Devices

  ADUM1253_V01 Datasheet HTML 1Page - Analog Devices ADUM1253_V01 Datasheet HTML 2Page - Analog Devices ADUM1253_V01 Datasheet HTML 3Page - Analog Devices ADUM1253_V01 Datasheet HTML 4Page - Analog Devices ADUM1253_V01 Datasheet HTML 5Page - Analog Devices ADUM1253_V01 Datasheet HTML 6Page - Analog Devices ADUM1253_V01 Datasheet HTML 7Page - Analog Devices ADUM1253_V01 Datasheet HTML 8Page - Analog Devices ADUM1253_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
ADuM1253
19-101761; Rev 1; 5/24
© 2024 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Absolute Maximum Ratings
VDD1 to GND1.................................................... -0.3V to +6.0V
VDD2 to GND2 ................................................... -0.3V to +6.0V
SDA1, SCL1 to GND1........................................ -0.3V to +6.0V
SDA2, SCL2 to GND2........................................ -0.3V to +6.0V
Short-Circuit Continuous Current
__SDA1, SCL1 to VDD1................................................... 20mA
__SDA2, SCL2 to VDD2................................................. 100mA
Continuous Power Dissipation
__8 MSOP (Derate 3.09mW/°C above +70°C) .......... +247mW
__8 NSOIC (Derate 5.49mW/°C above +70°C) ......... +440mW
__8 WSOIC (Derate 5.88mW/°C above +70°C)......... +471mW
Temperature
__Operating Temperature Range................... -40°C to +125°C
__Junction Temperature................................................+150°C
__Storage Temperature ................................. -65°C to +150°C
__Lead Temperature (Soldering, 10s) ..........................+300°C
__Soldering Temperature (reflow).................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
8 MSOP
Outline Number
21-0036
Land Pattern Number
90-0092
Junction-to-Ambient Thermal Resistance (θJA)
324°C/W
Junction-to-Case Top Thermal Resistance (θJC(TOP))
72°C/W
Junction-to-Board Thermal Resistance (θJB)
153.5°C/W
Junction-to-Case Top Thermal Characterization Parameter (ψJT)
4°C/W
Junction-to-Board Thermal Characterization Parameter (ψJB)
152°C/W
Moisture Sensitivity Level
3
8 Narrow SOIC
Outline Number
21-0041
Land Pattern Number
90-0096
Junction-to-Ambient Thermal Resistance (θJA)
182°C/W
Junction-to-Case Top Thermal Resistance (θJC(TOP))
50°C/W
Junction-to-Board Thermal Resistance (θJB)
63.6°C/W
Junction-to-Case Top Thermal Characterization Parameter (ψJT)
8°C/W
Junction-to-Board Thermal Characterization Parameter (ψJB)
60°C/W
Moisture Sensitivity Level
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com