Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1253 Datasheet(PDF) 18 Page - Analog Devices

Part # ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 14Page - Analog Devices ADUM1253_V01 Datasheet HTML 15Page - Analog Devices ADUM1253_V01 Datasheet HTML 16Page - Analog Devices ADUM1253_V01 Datasheet HTML 17Page - Analog Devices ADUM1253_V01 Datasheet HTML 18Page - Analog Devices ADUM1253_V01 Datasheet HTML 19Page - Analog Devices ADUM1253_V01 Datasheet HTML 20Page - Analog Devices ADUM1253_V01 Datasheet HTML 21Page - Analog Devices ADUM1253_V01 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 18
tF2 MEASURED FROM: 0.7VDD2 TO 0.3VDD2
Pin Configuration
TOP VIEW
1
2
3
4
VDD1
GND1
SDA1
ADuM1253
SCL1
5
6
7
8
VDD2
GND2
SDA2
SCL2
+
Pin Description
PIN
NAME
FUNCTION
1
VDD1
Supply Voltage Side 1. Bypass VDD1 ith a 1n an a 0.1μ ceramic capacit r as cl se as p ssible t
the pin.
2
SDA1
Serial Data Input/Output on Side 1. SDA1 is translated to/from SDA2 and is an open-drain output.
3
SCL1
Serial Clock Input on Side 1. SCL1 is translated to SCL2 and is an input.
4
GND1
Ground Reference for Side 1
5
GND2
Ground Reference for Side 2
6
SCL2
Serial Clock Output on Side 2. SCL2 is translated from SCL1 and is an open-drain output.
7
SDA2
Serial Data Input/Output on Side 2. SDA2 is translated to/from SDA1 and is an open-drain output.
8
VDD2
Supply Voltage Side 2. Bypass VDD2 ith a 1n an a 0.1μ ceramic capacitor as close as possible to
the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com