Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet (PDF) - STMicroelectronics

L99VR02XP Datasheet PDF - STMicroelectronics
Part # L99VR02XP
Download  L99VR02XP Download
File Size   9646.47 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)

L99VR02XP Datasheet (PDF)

Go To PDF Page Download Datasheet
L99VR02XP Datasheet PDF - STMicroelectronics

Part # L99VR02XP
Download  L99VR02XP Click to download

File Size   9646.47 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)

L99VR02XP Datasheet (HTML) - STMicroelectronics


L99VR02XP Product details

Features
• AEC-Q100 qualified
• Operating DC power supply voltage range from 2.15 V to 28 V
• Outputs protected versus short to battery
• Battery and post regulation operating modes are allowed
• Low dropout voltage
• Low quiescent current consumption
• Dual output voltages
• User-selectable output voltage (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 2.8 V, 3.3 V or
5 V)
• Output voltage precision ±2%
• Enable input for enabling/disabling the voltage regulator
• Output voltage monitoring with reset output
• Negligible ESR effect on output voltage stability for load capacitor
• Programmable autonomous watchdog and reset pulse delay through external
capacitors
• Undervoltage-lockout UVLO
• Fast output discharge
• Thermal shutdown and short-circuit protection
• Advanced thermal warning and overvoltage diagnostic
• Thermal clusters
• Programmable short-circuit output current
• Wide operating temperature range (from TJ = -40 °C to 175 °C)
• Automatic voltage (de)tracking of LDO2 respect LDO1 or of an external voltage
regulator
• Limited documentation available for customers that need support when dealing
with ASIL requirements as per ISO 26262




Similar Part No. - L99VR02XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
2Mb / 38P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
22-Dec-2022
L99VR02JTR STMICROELECTRONICS-L99VR02JTR Datasheet
2Mb / 38P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
22-Dec-2022
L99VR02J STMICROELECTRONICS-L99VR02J_V01 Datasheet
2Mb / 38P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
22-Dec-2022
More results


Similar Description - L99VR02XP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
logo
ON Semiconductor
NCP4588 ONSEMI-NCP4588 Datasheet
384Kb / 17P
200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
logo
STMicroelectronics
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
150 mA, ultra-low quiescent current linear voltage regulator
20-Jan-2011
logo
ON Semiconductor
NCP4588 ONSEMI-NCP4588_13 Datasheet
389Kb / 17P
200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
February, 2013 ??Rev. 1
logo
Texas Instruments
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com