Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 4 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 4 Page - STMicroelectronics

  L99VR02XP Datasheet HTML 1Page - STMicroelectronics L99VR02XP Datasheet HTML 2Page - STMicroelectronics L99VR02XP Datasheet HTML 3Page - STMicroelectronics L99VR02XP Datasheet HTML 4Page - STMicroelectronics L99VR02XP Datasheet HTML 5Page - STMicroelectronics L99VR02XP Datasheet HTML 6Page - STMicroelectronics L99VR02XP Datasheet HTML 7Page - STMicroelectronics L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
1.2
Pin description
Figure 2. Pins configuration (top view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
L99VR02XP
Table 1. Pins description
#
Pin name
Function
1
GND
Ground reference
2
SEL1_LDO1
Output voltage selectors for LDO1
3
SEL2_LDO1
4
SEL3_LDO1
5
NC
-
6
VS_LDO1
Supply voltage for LDO1.
Block directly to ground with ceramic capacitor ≥ 4.7 μF and a 100 nF capacitator as close as possible to
the pin.
7
NC
-
8
EN_LDO1
Enable input for LDO1.
With the Enable high, regulator, watchdog and reset are operating. With the Enable low, regulator,
watchdog and reset are shutdown, while the fast discharge circuit is turned on. Connect the enable to
VS_LDO1 to keep the device always enabled.
9
IN_TRK
Input pin for the reference voltage in tracking mode, connected to either VO_LDO1 or an external voltage
regulator output.
10
VO_LDO1
Voltage regulator output for LDO1.
Block to ground with a capacitor ≥ 3.3 µF (needed for regulator stability).
11
RST_LDO1
Reset output for LDO1.
It is pulled down when output voltage goes below VO_th or frequency at Wi_LDO1 is too low. Leave
floating if not used.
12
Vcr_LDO1
Reset timing adjust for LDO1.
A capacitor between Vcr_LDO1 pin and GND. Sets the reset delay time (Trd). Leave floating if reset is not
used.
13
GND
Ground reference
14
IShort_LDO1
Programmable short circuit output current input pin for LDO1. A resistor between IShort_LDO1 pin and GND
sets the short-circuit output current value.
L99VR02XP
Block diagram and pin description
DS14686 - Rev 1
page 4/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com