Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 15Page - STMicroelectronics L99VR02XP Datasheet HTML 16Page - STMicroelectronics L99VR02XP Datasheet HTML 17Page - STMicroelectronics L99VR02XP Datasheet HTML 18Page - STMicroelectronics L99VR02XP Datasheet HTML 19Page - STMicroelectronics L99VR02XP Datasheet HTML 20Page - STMicroelectronics L99VR02XP Datasheet HTML 21Page - STMicroelectronics L99VR02XP Datasheet HTML 22Page - STMicroelectronics L99VR02XP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Figure 24. Vwhth_LDO1,2 vs TJ
30.00
40.00
50.00
60.00
-60
-40
-20
0
20
40
60
80
100
120
140
160
TJ (⁰C)
Vs =
13.5V
5V
0.8V
Figure 25. Vwlth_LDO1,2 vs TJ
0.00
10.00
20.00
30.00
-60
-40
-20
0
20
40
60
80
100 120 140 160
TJ (⁰C)
Vs = 13.5V
5V
0.8V
Figure 26. ICWc_LDO1,2 vs TJ
6.00
8.00
10.00
12.00
14.00
-60
-40
-20
0
20
40
60
80
100 120 140 160
TJ (⁰C)
Vs = 13.5V
5V
0.8V
Figure 27. ICWd_LDO1,2 vs TJ
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-60
-40
-20
0
20
40
60
80
100 120 140 160
TJ (⁰C)
5V
0.8V
Vs = 13.5
V
Figure 28. Icr_LDO1,2 vs TJ
8.00
10.00
12.00
14.00
16.00
18.00
-60 -40 -20
0
20
40
60
80
100 120 140 160
TJ (⁰C)
0.8V
Vs =
13.5V
Figure 29. Twop vs TJ
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
-60 -40 -20
0
20
40
60
80
100 120 140 160
TJ (⁰C)
5V
0.8V
Vs = 13.5V
Ctw= 47nF
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 19/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com