Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 26Page - STMicroelectronics L99VR02XP Datasheet HTML 27Page - STMicroelectronics L99VR02XP Datasheet HTML 28Page - STMicroelectronics L99VR02XP Datasheet HTML 29Page - STMicroelectronics L99VR02XP Datasheet HTML 30Page - STMicroelectronics L99VR02XP Datasheet HTML 31Page - STMicroelectronics L99VR02XP Datasheet HTML 32Page - STMicroelectronics L99VR02XP Datasheet HTML 33Page - STMicroelectronics L99VR02XP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
4.9
Overvoltage detection by advanced thermal warning read-out
The TW_LDO1,2 pins also provide diagnostics about output overvoltage (OV_LDO1,2); to distinguish between a
thermal warning event and an output overvoltage event, two different signals are generated at the same
TW_LDO1,2 output pins. How reported in the Section 4.7: Thermal warning and thermal shutdown a thermal
warning event detection sets the TW_LDO1,2 pins LOW, instead an overvoltage event generates a square wave
at the TW_LDO1,2 pins (see the Figure 48).
Overvoltage detection has a higher priority than thermal warning detection so that concurrence of thermal warning
and over voltage events lead to a square wave like in the case of overvoltage detection (as shown in the
Figure 48).
Figure 48. Square ware on TW_LDO1,2 pins generated during an overvoltage
A typical example of over temperature and overvoltage management failures is depicted in the Figure 49.
Figure 49. Warning signal caused by overvoltage and thermal warning on TW_LDO1,2 pins
L99VR02XP
Application information
DS14686 - Rev 1
page 30/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com